Electronic Components Datasheet Search
  English  ▼

X  

MT8964 Datasheet(PDF) 13 Page - Mitel Networks Corporation

Part # MT8964
Description  ISO2-CMOS Integrated PCM Filter Codec
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT8964 Datasheet(HTML) 13 Page - Mitel Networks Corporation

Back Button MT8964 Datasheet HTML 9Page - Mitel Networks Corporation MT8964 Datasheet HTML 10Page - Mitel Networks Corporation MT8964 Datasheet HTML 11Page - Mitel Networks Corporation MT8964 Datasheet HTML 12Page - Mitel Networks Corporation MT8964 Datasheet HTML 13Page - Mitel Networks Corporation MT8964 Datasheet HTML 14Page - Mitel Networks Corporation MT8964 Datasheet HTML 15Page - Mitel Networks Corporation MT8964 Datasheet HTML 16Page - Mitel Networks Corporation MT8964 Datasheet HTML 17Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
ISO2-CMOS
MT8960/61/62/63/64/65/66/67
6-31
(See Figures 9a, 9b, 9c)
Note 3:
The filter characteristics are totally dependent upon the accuracy of the clock frequency providing F1i is synchronized to
C2i. The A/D and D/A functions are unaffected by changes in clock frequency.
Note 4:
This gives a 75 ns period, 50 ns before and 25 ns after the 50% point of C2i rising edge, when change in F1i will give an
undetermined state to to the internally synchronized enable signal.
* Typical figures are at 25°C with nominal ±5V supplies. For design aid only: not guaranteed and not subject to production testing.
AC Electrical Characteristics (cont’d)
Characteristics
Sym
Min
Typ*
Max
Units
Test Conditions
17
D
I
G
I
T
A
L
Propagation Delay
SD
Clock to SD Output
tPCS
400
ns
CL = 100 pF
18
SD Output Fall Time
SD
tSF
200
ns
CL = 20 pF
19
SD Output Rise Time
SD
tSR
400
ns
20
Digital Loopback
Time DSTi to DSTo
tDL
122
ns
AC Electrical Characteristics - Transmit (A/D) Path - Voltages are with respect to GNDD unless otherwise stated.
TA=0 to 70°C, VDD=5V±5%, VEE=-5V±5%, VRef=2.5V±0.5%, GNDA=GNDD=0V, Clock Frequency = 2.048MHz,
Filter Gain Setting = 0dB. Outputs unloaded unless otherwise specified.
Characteristics
Sym
Min
Typ*
Max
Units
Test Conditions
1
A
N
A
L
O
G
Analog Input at VX equivalent to
the overload decision level at
the codec
VIN
4.829
5.000
VPP
VPP
Level at codec:
µ-Law: 3.17 dBm0
A-Law: 3.14 dBm0
See Note 6
2
Absolute Gain (0dB setting)
GAX
-0.25
+0.25
dB
0 dBm0 @ 1004 Hz
3
Absolute Gain (+1dB to +7dB
settings)
-0.35
+0.35
dB
from nominal,
@ 1004 Hz
4
Gain Variation
With Temp
GAXT
0.01
dB
TA=0°C to 70°C
With Supplies
GAXS
0.04
dB/V
5
Gain Tracking
(See Figure 12)
CCITT G712
(Method 1)
GTX1
-0.25
-0.25
-0.50
+0.25
+0.25
+0.50
dB
dB
dB
Sinusoidal Level:
+3 to -20 dBm0
Noise Signal Level:
-10 to -55 dBm0
-55 to -60 dBm0
CCITT G712
(Method 2)
AT&T
GTX2
-0.25
-0.50
-1.50
+0.25
+0.50
+1.50
dB
dB
dB
Sinusoidal Level:
+3 to -40 dBm0
-40 to -50 dBm0
-50 to -55 dBm0
6
Quantization
Distortion
(See Figure 13)
CCITT G712
(Method 1)
DQX1
28.00
35.60
33.90
29.30
14.20
dB
dB
dB
dB
dB
Noise Signal Level:
-3 dBm0
-6 to -27 dBm0
-34 dBm0
-40 dBm0
-55 dBm0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com