Electronic Components Datasheet Search
  English  ▼

X  

MT8964 Datasheet(PDF) 14 Page - Mitel Networks Corporation

Part # MT8964
Description  ISO2-CMOS Integrated PCM Filter Codec
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT8964 Datasheet(HTML) 14 Page - Mitel Networks Corporation

Back Button MT8964 Datasheet HTML 10Page - Mitel Networks Corporation MT8964 Datasheet HTML 11Page - Mitel Networks Corporation MT8964 Datasheet HTML 12Page - Mitel Networks Corporation MT8964 Datasheet HTML 13Page - Mitel Networks Corporation MT8964 Datasheet HTML 14Page - Mitel Networks Corporation MT8964 Datasheet HTML 15Page - Mitel Networks Corporation MT8964 Datasheet HTML 16Page - Mitel Networks Corporation MT8964 Datasheet HTML 17Page - Mitel Networks Corporation MT8964 Datasheet HTML 18Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
MT8960/61/62/63/64/65/66/67 ISO2-CMOS
6-32
* Typical figures are at 25°C with nominal ±5V supplies. For design aid only: not guaranteed and not subject to production testing.
Note 6:
0dBm0=1.185 VRMS for the µ-Law codec.
0dBm0=1.231 VRMS for the A-Law codec.
Transmit (A/D) Path (cont’d)
Characteristics
Sym
Min
Typ*
Max
Units
Test Conditions
A
N
A
L
O
G
Quantization
CCITT G712
Distortion
(Method 2)
(cont’d)
AT&T
(See Figure 13)
DQX2
35.30
29.30
24.30
dB
dB
dB
Sinusoidal Input Level:
0 to -30 dBm0
-40 dBm0
-45 dBm0
7
Idle Channel
C-message
NCX
18
dBrnC0 µ-Law Only
Noise
Psophometric
NPX
-67
dBm0p
CCITT G712
8
Single Frequency Noise
NSFX
-56
dBm0
CCITT G712
9
Harmonic Distortion
(2nd or 3rd Harmonic)
-46
dB
Input Signal:
0 dBm0 @ 1.02 kHz
10
Envelope Delay
DAX
270
µs
@ 1004 Hz
11
Envelope Delay
1000-2600 Hz
Variation With
600-3000 Hz
Frequency
400-3200 Hz
DDX
60
150
250
µs
µs
µs
Input Signal:
400-3200 Hz Sinewave
at 0 dBm0
12
Intermodulation
CCITT G712
Distortion
50/60 Hz
IMDX1
-55
dB
50/60 Hz @ -23 dBm0
and any signal within
300-3400 Hz at -9 dBm0
CCITT G712
2 tone
IMDX2
-41
dB
740 Hz and 1255 Hz
@ -4 to -21 dBm0.
Equal Input Levels
AT&T
IMDX3
-47
dB
2nd order products
4 tone
IMDX4
-49
dB
3rd order products
13
Gain Relative to
≤50 Hz
Gain @ 1004 Hz 60 Hz
(See Figure 10)
200 Hz
300-3000 Hz
3200 Hz
3300 Hz
3400 Hz
4000 Hz
≥4600 Hz
GRX
-1.8
-0.125
-0.275
-0.350
-0.80
-25
-30
0.00
0.125
0.125
0.030
-0.100
-14
-32
dB
dB
dB
dB
dB
dB
dB
dB
dB
0 dBm0 Input Signal
Transmit
Filter
Response
14
Crosstalk D/A to A/D
CTRT
-70
dB
0 dBm0 @ 1.02 kHz
in D/A
15
Power Supply
VDD
Rejection
VEE
PSSR1
PSSR2
33
35
dB
dB
Input 50 mVRMS at
1.02 kHz
16
Overload Distortion (See Fig.15)
Input frequency=1.02kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com