Electronic Components Datasheet Search
  English  ▼

X  

MT8964 Datasheet(PDF) 2 Page - Mitel Networks Corporation

Part # MT8964
Description  ISO2-CMOS Integrated PCM Filter Codec
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT8964 Datasheet(HTML) 2 Page - Mitel Networks Corporation

  MT8964 Datasheet HTML 1Page - Mitel Networks Corporation MT8964 Datasheet HTML 2Page - Mitel Networks Corporation MT8964 Datasheet HTML 3Page - Mitel Networks Corporation MT8964 Datasheet HTML 4Page - Mitel Networks Corporation MT8964 Datasheet HTML 5Page - Mitel Networks Corporation MT8964 Datasheet HTML 6Page - Mitel Networks Corporation MT8964 Datasheet HTML 7Page - Mitel Networks Corporation MT8964 Datasheet HTML 8Page - Mitel Networks Corporation MT8964 Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
MT8960/61/62/63/64/65/66/67 ISO2-CMOS
6-20
Figure 2 - Pin Connections
Pin Description
Pin Name
Description
CSTi
Control ST-BUS In is a TTL-compatible digital input used to control the function of the filter/codec.
Three modes of operation may be effected by applying to this input a logic high (VDD), logic low
(GNDD), or an 8-bit serial word, depending on the logic states of CA and F1i.
Functions controlled are: powerdown, filter gain adjust, loopback, chip testing, SD outputs.
DSTi
Data ST-BUS In accepts the incoming 8-bit PCM word. Input is TTL-compatible.
C2i
Clock Input is a TTL-compatible 2.048 MHz clock.
DSTo
Data ST-BUS Out is a three-state digital output driving the PCM bus with the outgoing 8-bit PCM
word.
VDD
Positive power Supply (+5V).
F1i
Synchronization Input is an active low digital input enabling (in conjunction with CA) the PCM input,
PCM output and digital control input. It is internally sampled on every positive edge of the clock, C2i,
and provides frame and channel synchronization.
CA
Control Address is a three-level digital input which enables PCM input and output and determines
into which control register (A or B) the serial data, presented to CSTi, is stored.
SD3
System Drive Output is an open drain output of an N-channel transistor which has its source tied to
GNDA. Inactive state is open circuit.
SD4-5
System Drive Outputs are open drain outputs of N-channel transistors which have their source tied
to GNDD. Inactive state is open circuit.
SD0-2
System Drive Outputs are “Totempole“ CMOS outputs switching between GNDD and VDD. Inactive
state is logic low.
VEE
Negative power supply (-5V).
VX
Voice Transmit is the analog input to the transmit filter.
ANUL
Auto Null is used to integrate an internal auto-null signal. A 0.1
µF capacitor must be connected
between this pin and GNDA.
VR
Voice Receive is the analog output of the receive filter.
GNDA
Analog ground (0V).
VRef
Voltage Reference input to D to A converter.
GNDD
Digital ground (0V).
1
2
3
4
5
6
7
8
9
10
11
12
20
19
18
17
16
15
14
13
20 PIN PDIP/SOIC
CSTi
DSTi
C2i
DSTo
VDD
SD5
SD4
F1i
CA
SD3
GNDD
VRef
GNDA
VR
ANUL
VX
VEE
SD0
SD1
SD2
1
2
3
4
5
6
7
8
9
10
18
17
16
15
14
13
12
11
18 PIN CERDIP/PDIP
CSTi
DSTi
C2i
DSTo
VDD
F1i
CA
SD3
SD2
GNDD
VRef
GNDA
VR
ANUL
VX
VEE
SD0
SD1
MT8960/61/64/65
MT8962/63/66/67



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com