Electronic Components Datasheet Search
  English  ▼

X  

MT8964 Datasheet(PDF) 3 Page - Mitel Networks Corporation

Part # MT8964
Description  ISO2-CMOS Integrated PCM Filter Codec
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT8964 Datasheet(HTML) 3 Page - Mitel Networks Corporation

  MT8964 Datasheet HTML 1Page - Mitel Networks Corporation MT8964 Datasheet HTML 2Page - Mitel Networks Corporation MT8964 Datasheet HTML 3Page - Mitel Networks Corporation MT8964 Datasheet HTML 4Page - Mitel Networks Corporation MT8964 Datasheet HTML 5Page - Mitel Networks Corporation MT8964 Datasheet HTML 6Page - Mitel Networks Corporation MT8964 Datasheet HTML 7Page - Mitel Networks Corporation MT8964 Datasheet HTML 8Page - Mitel Networks Corporation MT8964 Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
ISO2-CMOS
MT8960/61/62/63/64/65/66/67
6-21
Figure 3 -
µ-Law Encoder Transfer Characteristic
Figure 4 - A-Law Encoder Transfer Characteristic
11111111
11110000
11100000
11010000
11000000
10110000
10100000
10010000
10000000
00000000
00010000
00100000
00110000
01000000
01010000
01100000
01110000
01111111
10000000
10001111
10011111
10101111
10111111
11001111
11011111
11101111
11111111
01111111
01101111
01011111
01001111
00111111
00101111
00011111
00001111
00000000
-2.415V
-1.207V
0V
+1.207V +2.415V
Bit 7...
0
MSB
LSB
Analog Input Voltage (VIN)
MT8960/62
Digital Output
MT8964/66
Digital Output
11111111
11110000
11100000
11010000
11000000
10110000
10100000
10010000
10000000
00000000
00010000
00100000
00110000
01000000
01010000
01100000
01110000
01111111
10101010
10100101
10110101
10000101
10010101
11100101
11110101
11000101
11010101
01010101
01000101
01110101
01100101
00010101
00000101
00110101
00100101
00101010
-2.5V
-1.25V
0V
+1.25V
+2.5V
Bit 7...
0
MSB
LSB
Analog Input Voltage (VIN)
MT8961/63
Digital Output
MT8965/67
Digital Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com