Electronic Components Datasheet Search
  English  ▼

X  

MT8979 Datasheet(PDF) 13 Page - Mitel Networks Corporation

Part # MT8979
Description  ISO-CMOS ST-BUS??FAMILY CEPT PCM 30/CRC-4 Framer & Interface
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT8979 Datasheet(HTML) 13 Page - Mitel Networks Corporation

Back Button MT8979 Datasheet HTML 9Page - Mitel Networks Corporation MT8979 Datasheet HTML 10Page - Mitel Networks Corporation MT8979 Datasheet HTML 11Page - Mitel Networks Corporation MT8979 Datasheet HTML 12Page - Mitel Networks Corporation MT8979 Datasheet HTML 13Page - Mitel Networks Corporation MT8979 Datasheet HTML 14Page - Mitel Networks Corporation MT8979 Datasheet HTML 15Page - Mitel Networks Corporation MT8979 Datasheet HTML 16Page - Mitel Networks Corporation MT8979 Datasheet HTML 17Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
ISO-CMOS
MT8979
4-173
Table 6. Channel Associated Signalling: Data Format for CSTi1 Channels 1 to 15
Table 7. Frame Alignment Signal: Data Format for CSTi1 Channel 16
BIT
NAME
DESCRIPTION
7,
6,
5
& 4
A(N),
B(N),
C(N)
& D(N)
Transmit Signalling Bits for Channel N: These bits are transmitted on the CEPT 2048
kbit/s link in bit positions 1 to 4 of timeslot 16 in frame N, and are the A, B, C and D
signalling bits associated with telephone channel N. The value of N lies in the range 1 to
15 and refers to the channel on the CSTi1 channel from which the bits are sourced, the
telephone channel with which the bits are associated and the frame on the CEPT link on
which the bits are transmitted. For example, the bits input on the CSTi1 pin on channel 3
are associated with telephone channel 3, which is timeslot 3 of the CEPT link, and are
transmitted on bits positions 1 to 4 of timeslot 16 in frame 3 of each multiframe on the
CEPT link . If bits B, C or D are not used they should be given the values ‘1, 0‘ and ‘1‘
respectively. The combination ‘0000‘ for ABCD bits should not be used for telephone
channels 1 to 15 as this would interfere with multiframe alignment.
3,
2,
1
& 0
A(N+15),
B(N+15),
C(N+15)
& D(N+15)
Transmit Signalling Bits for Channel N+15: These bits are transmitted on the CEPT
2048 kbit/s link in bit positions 5 to 8 of timeslot 16 in frame N, and are the A, B, C and D
signalling bits associated with telephone channel N+15. The value of N lies in the range 1
to 15 and refers to both the channel on the CSTi1 stream where the bits are supplied and
the frame on the CEPT link on which the bits are transmitted, and indirectly indicates the
telephone channel with which the bits are are associated. For example, the bits input on
the CSTi1 pin on channel 3 are associated with telephone channel 18, which is timeslot 19
of the CEPT link, and are transmitted in bits positions 5 to 8 of timeslot 16 in frame 3 of
each multiframe on the CEPT link .
BIT
NAME
DESCRIPTION
7
IU0
International Use 0: When CRC is disabled, this bit is transmitted on the CEPT 2048
kbit/s link in bit position 1 of timeslot 0 of frame-alignment frames . It is reserved for
international use and should be kept at ‘1’ when not used. If CRC is enabled, this bit is not
used.
6-0
FAF2-8
Transmit Frame Alignment Frame Bits 2 to 8: These bits are transmitted on the CEPT
2048 kbit/s link in bit positions 2 to 8 of timeslot 0 of frame-alignment frames. These bits
form the frame alignment signal and should be set to ‘0011011‘.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com