Electronic Components Datasheet Search
  English  ▼

X  

MT8979 Datasheet(PDF) 3 Page - Mitel Networks Corporation

Part # MT8979
Description  ISO-CMOS ST-BUS??FAMILY CEPT PCM 30/CRC-4 Framer & Interface
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT8979 Datasheet(HTML) 3 Page - Mitel Networks Corporation

  MT8979 Datasheet HTML 1Page - Mitel Networks Corporation MT8979 Datasheet HTML 2Page - Mitel Networks Corporation MT8979 Datasheet HTML 3Page - Mitel Networks Corporation MT8979 Datasheet HTML 4Page - Mitel Networks Corporation MT8979 Datasheet HTML 5Page - Mitel Networks Corporation MT8979 Datasheet HTML 6Page - Mitel Networks Corporation MT8979 Datasheet HTML 7Page - Mitel Networks Corporation MT8979 Datasheet HTML 8Page - Mitel Networks Corporation MT8979 Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
ISO-CMOS
MT8979
4-163
13
20
E8Ko
Extracted 8 kHz Clock (Output): An 8 kHz output generated by dividing the extracted
2048 kHz clock by 256 and aligning it with the received CEPT frame. The 8 kHz signal
can be used for synchronizing the system clock to the extracted 2048 kHz clock. Only
valid when device achieves synchronization (goes low during a loss of signal or a loss
of basic frame synchronization condition).
E8Ko goes high impedance when 8kHzSEL = 0 in MCW2.
15
23
XCtl
External Control (Output): An uncommitted external output pin which is set or reset
via bit 1 in Master Control Word 2 on CSTi0. The state of XCtl is updated once per
frame.
16
24
XSt
External Status: The state of this pin is sampled once per frame and the status is
reported in bit 1 of the Master Status Word 1 on CSTo.
17
26
CSTo
Control ST-BUS Output: A 2048 kbit/s serial control stream which provides the 16
signalling words, two Master Status Words, Phase Status Word and CRC Error Count.
18
NC
No Connection.
19
28
DSTi
Data ST-BUS Input: This pin accepts a 2048 kbit/s serial stream which contains the
30 PCM or data channels to be transmitted on the CEPT trunk.
20
NC
No Connection.
21
34
C2i
2048 kbit/s System Clock (Input):
The master clock for the ST-BUS section of the
chip. All data on the ST-BUS is clocked in on the falling edge of the C2i and output on
the rising edge. The falling edge of C2i is also used to clock out data on the CEPT
transmit link.
22
37
TxMF
Transmit Multiframe Boundary (Input): This input can be used to set the channel
associated and CRC transmitted multiframe boundary (clear the frame counters). The
device will generate its own multiframe if this pin is held high.
23
38
RxMF
Received Multiframe Boundary (Output): An output pulse delimiting the received
Multiframe boundary. (This multiframe is not related to the received CRC multiframe.)
The next frame output on the data stream (DSTo) is received as frame 0 on the CEPT
link.
24
NC
No Connection.
25
40
E2i
Extracted 2048 kHz Clock (Input): The falling edge of this 2048 kHz clock is used to
latch the received data (RxD).
This clock input must be derived from the CEPT
received data and must have its falling edge aligned with the center of the received bit
(RxD).
26
42
F0i
Frame Pulse Input:
The ST-BUS frame synchronization signal which defines the
beginning of the 32 channel frame.
27
44
IC
Internal Connection: Tie to VSS (Ground) for normal operation.
28
1
VDD
Positive Power Supply Input (+5 Volts).
14
6,8,
22
VSS
Negative Power Supply Input (Ground).
Pin Description (Continued)
Pin #
Name
Description
DIP
PLCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com