Electronic Components Datasheet Search
  English  ▼

X  

MT8979 Datasheet(PDF) 4 Page - Mitel Networks Corporation

Part # MT8979
Description  ISO-CMOS ST-BUS??FAMILY CEPT PCM 30/CRC-4 Framer & Interface
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT8979 Datasheet(HTML) 4 Page - Mitel Networks Corporation

  MT8979 Datasheet HTML 1Page - Mitel Networks Corporation MT8979 Datasheet HTML 2Page - Mitel Networks Corporation MT8979 Datasheet HTML 3Page - Mitel Networks Corporation MT8979 Datasheet HTML 4Page - Mitel Networks Corporation MT8979 Datasheet HTML 5Page - Mitel Networks Corporation MT8979 Datasheet HTML 6Page - Mitel Networks Corporation MT8979 Datasheet HTML 7Page - Mitel Networks Corporation MT8979 Datasheet HTML 8Page - Mitel Networks Corporation MT8979 Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
MT8979 ISO-CMOS
4-164
Functional Description
The MT8979 is a CEPT trunk digital link interface
conforming to CCITT Recommendation G.704 for
PCM 30 and I.431 for ISDN.
It includes features
such as: insertion and detection of synchronization
patterns, optional cyclical redundancy check and far
end error performance reporting, HDB3 decoding
and optional coding, channel associated or common
channel signalling, programmable digital attenuation
and a two frame received elastic buffer.
The
MT8979 can also monitor several conditions on the
CEPT
digital
trunk,
which
include,
frame
and
multiframe synchronization, received all 1’s alarms,
data slips as well as framing and CRC errors, both
near and far end.
The system interface to the MT8979 is a TDM bus
structure that operates at 2048 kbit/s known as the
ST-BUS.
This serial stream is divided into 125
µs
frames that are made up of 32 x 8 bit channels.
The line interface to the MT8979 consists of
split
phase
unipolar
inputs
and
outputs
which
are
supplied
from/to
a
bipolar
line
receiver/driver,
respectively.
CEPT Interface
The CEPT frame format consists of 32, 8 bit
timeslots.
Of the 32 timeslots in a frame, 30 are
defined as information channels, timeslots 1-15 and
17-31 which correspond to telephone channels 1-30.
An additional voice/data channel may be obtained by
placing the device in common channel signalling
mode.
This allows use of timeslot 16 for 64 kbit/s
common channel signalling.
Synchronization is included within the CEPT bit
stream in the form of a bit
pattern inserted into
timeslot 0.
The contents of timeslot 0 alternate
between
the
frame alignment pattern and the
non-frame alignment pattern as described in Figure
4.
Bit 1 of the frame alignment and non-frame
alignment
bytes
have
provisions
for
additional
protection against false synchronization or enhanced
error monitoring. This is described in more detail in
the following section.
In order to accomplish multiframe synchronization, a
16 frame multiframe is defined by sending four zeros
in the high order quartet of timeslot 16 frame 0, i.e.,
once every 16 frames (see Figure 5).
The CEPT
format has four signalling bits, A, B, C and D.
Signalling bits for all 30 information
channels are
transmitted in timeslot 16 of frames 1 to 15. These
timeslots are subdivided into two quartets (see Table
6).
Cyclic Redundancy Check (CRC)
An optional cyclic redundancy check (CRC) has
been incorporated within CEPT bit stream to provide
additional protection against simulation of the frame
alignment signal, and/or where there is a need for an
enhanced error monitoring capability.
The CRC
process treats the binary string of ones and zeros
contained in a submultiframe (with CRC bits set to
binary zero) as a single long binary number.
This
string of data is first multiplied by x4 then divided by
the generating polynomial x4+x+1.
This division
process takes place at both the transmitter and
receiver end of the link. The remainder calculated at
the receiver is compared to the one received with the
data over the link. If they are the same, it is of high
probability that the previous submultiframe was
received error free.
The CRC procedure is based on a 16 frame
multiframe, which is divided into two 8 frame
submultiframes (SMF).
The frames which contain
the frame alignment pattern contain the CRC bits, C1
to C4 respectively, in the bit 1 position. The frames
Figure 3 - CEPT Link Frame & Multiframe Format
Frame
15
0
14
15
0
Timeslot
0
1
30
31
Most
Significant
Bit (First)
Least
Significant
Bit (Last)
Bit
12
3
4
5
6
7
8
Frame
Frame
Frame
Frame
Timeslot
Timeslot
Timeslot
Bit
Bit
Bit
Bit
Bit
Bit
Bit
2.0 ms
(8/2.048)
µs
125
µs
• • • ••• ••
••• •



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com