Electronic Components Datasheet Search
  English  ▼

X  

MT8979 Datasheet(PDF) 2 Page - Mitel Networks Corporation

Part # MT8979
Description  ISO-CMOS ST-BUS??FAMILY CEPT PCM 30/CRC-4 Framer & Interface
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT8979 Datasheet(HTML) 2 Page - Mitel Networks Corporation

  MT8979 Datasheet HTML 1Page - Mitel Networks Corporation MT8979 Datasheet HTML 2Page - Mitel Networks Corporation MT8979 Datasheet HTML 3Page - Mitel Networks Corporation MT8979 Datasheet HTML 4Page - Mitel Networks Corporation MT8979 Datasheet HTML 5Page - Mitel Networks Corporation MT8979 Datasheet HTML 6Page - Mitel Networks Corporation MT8979 Datasheet HTML 7Page - Mitel Networks Corporation MT8979 Datasheet HTML 8Page - Mitel Networks Corporation MT8979 Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
MT8979 ISO-CMOS
4-162
Figure 2 - Pin Connections
Pin Description
Pin #
Name
Description
DIP
PLCC
1
2
TxA
Transmit A (Output): A split phase unipolar signal suitable for use with TxB and an
external line driver and transformer to construct the bipolar line signal.
2
3
TxB
Transmit B (Output:) A split phase unipolar signal suitable for use with TxA and an
external line driver and transformer to construct the bipolar line signal.
3
5
DSTo
Data ST-BUS (Output): A 2048 kbit/s serial output stream which contains the 30 PCM or
data channels received from the CEPT line.
4
4
NC
No Connection.
59
RxA
Receive A (Input): Received split phase unipolar signal decoded from a bipolar line
receiver.
610
RxB
Receive B (Input): Received split phase unipolar signal decoded from a bipolar line
receiver.
7
11
RxD
Received Data (Input): Input of the unipolar data generated from the line receiver. This
data may be NRZ or RZ.
8
13
CSTi1
Control ST-BUS Input #1: A 2048 kbit/s stream that contains channel associated
signalling, frame alignment and diagnostic functions.
9
NC
No Connection.
10
NC
No Connection.
11
17
ADI
Alternate Digit Inversion (Input): If this input is high, the CEPT timeslots which are
specified on CSTi0 as voice channels are ADI coded and decoded. When this bit is low it
disables ADI coding for all channels. This feature allows either ADI or non-ADI codecs to
be used on DSTi and DSTo.
12
19
CSTi0
Control ST-BUS Input #0: A 2048 kbit/s stream that contains 30 per channel control
words and two Master Control Words.
44 PIN PLCC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
28
27
26
25
24
23
22
21
28 PIN CERDIP/PDIP
TxA
TxB
NC
RxA
RxB
RxD
CSTi1
NC
NC
ADI
CSTi0
E8Ko
VSS
VDD
IC
F0i
E2i
NC
RxMF
TxMF
C2i
NC
DSTi
NC
CSTo
XSt
XCtl
DSTo
NC
RxMF
TxMF
NC
NC
C2i
NC
NC
NC
NC
NC
NC
NC
RxA
RxB
RxD
NC
CSTi1
NC
NC
NC
ADI
1
6543 2
44 43 42 41 40
7
8
9
10
11
12
13
14
15
16
39
38
37
36
35
34
33
32
31
30
23
18 19 20 21 22
24 25 26 27 28
17
29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com