Electronic Components Datasheet Search
  English  ▼

X  

MT8976AP Datasheet(PDF) 3 Page - Mitel Networks Corporation

Part # MT8976AP
Description  ISO-CMOS ST-BUS??FAMILY T1/ESF Framer Circuit
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT8976AP Datasheet(HTML) 3 Page - Mitel Networks Corporation

  MT8976AP Datasheet HTML 1Page - Mitel Networks Corporation MT8976AP Datasheet HTML 2Page - Mitel Networks Corporation MT8976AP Datasheet HTML 3Page - Mitel Networks Corporation MT8976AP Datasheet HTML 4Page - Mitel Networks Corporation MT8976AP Datasheet HTML 5Page - Mitel Networks Corporation MT8976AP Datasheet HTML 6Page - Mitel Networks Corporation MT8976AP Datasheet HTML 7Page - Mitel Networks Corporation MT8976AP Datasheet HTML 8Page - Mitel Networks Corporation MT8976AP Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
ISO-CMOS
MT8976
4-31
12
19
CSTi0
Control ST-BUS Input #0. A 2048 kbit/s serial control stream that contains 24 per
channel control words and two master control words.
13
20
E8Ko
Extracted 8 kHz Output. The E1.5i clock is internally divided by 193 to produce an 8
kHz clock which is aligned with the received DS1 frame and output at this pin. The8
kHz signal is derived from C1.5 in Digital Loopback mode.
14
6,
18,
22
VSS
System Ground.
15
23
XCtl
External Control (Output). This is an uncommitted external output pin which is set
or reset via bit 3 in Master Control Word 1 on CSTi0. The state of XCtl is updated
once per frame.
16
24
XSt
External Status (Schmitt Trigger Input). The state of this pin is sampled once per
frame and the status is reported in bit 5 of Master Status Word 2 on CSTo.
17
26
CSTo
Control ST-BUS Output. This is a 2048 kbit/s serial control stream which provides
the 24 per-channel status words, and two master status words.
18
27
RxFDLClk
Receive Facility Data Link Clock (Output). A 4 kHz clock signal used to clock out
FDL information. The data is clocked out on the rising edge of RxFDLClk.
19
28
DSTi
Data ST-BUS Input. This pin accepts a 2048 kbit/s serial stream which contains the
24 PCM or data channels to be transmitted on the T1 trunk.
20
29
RxFDL
Received Facility Data Link (Output). A 4 kHz serial output stream that is
demultiplexed from the FDL in ESF mode, or the received FS bit pattern in SLC-96
mode. It is clocked out on the rising edge of RxFDLClk.
21
34
C2i
2.048 MHz Clock Input. This is the master clock used for clocking serial data into
DSTi, CSTi0 and CSTi1. It is also used to clock serial data out of CSTo and DSTo.
22
37
TxSF
Transmit Superframe Pulse Input. A low going pulse applied at this pin will make
the next transmit frame the first frame of a superframe. The device will free run if this
pin is held high.
23
38
RxSF
Received Superframe Pulse Output. A pulse output on this pin designates that the
next frame of data on the ST-BUS is from frame 1 of the received superframe. The
period is 12 frames long in D3/D4 modes and 24 frames in ESF mode. Pulses are
output only when the device is synchronized to the received DS1 signal.
24
39
C1.5i
1.544 MHz Clock Input. This is the DS1 transmit clock and is used to output data on
TxA and TxB. It must be phase-locked to C2i. Data is clocked out on the rising
edge of C1.5i.
25
40
E1.5i
1.544 MHz Extracted Clock (Input). This clock which is extracted from the received
data is used to clock in data at RxA, RxB and RxD . The falling edge of the is
nominally aligned with the center of the received bit on RxD, RxA and RxB.
26
42
F0i
Frame Pulse Input. This is the frame synchronization signal which defines the
beginning of the 32 channel ST-BUS frame.
27
44
IC
Internal Connection. Tied to VSS for normal operation.
28
1
VDD
Positive Power Supply Input. +5V ± 5%.
Pin Description (Continued)
Pin #
Name
Description
DIP
PLCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com