Electronic Components Datasheet Search
  English  ▼

X  

MT8967AS Datasheet(PDF) 8 Page - Mitel Networks Corporation

Part # MT8967AS
Description  ISO2-CMOS Integrated PCM Filter Codec
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT8967AS Datasheet(HTML) 8 Page - Mitel Networks Corporation

Back Button MT8967AS Datasheet HTML 4Page - Mitel Networks Corporation MT8967AS Datasheet HTML 5Page - Mitel Networks Corporation MT8967AS Datasheet HTML 6Page - Mitel Networks Corporation MT8967AS Datasheet HTML 7Page - Mitel Networks Corporation MT8967AS Datasheet HTML 8Page - Mitel Networks Corporation MT8967AS Datasheet HTML 9Page - Mitel Networks Corporation MT8967AS Datasheet HTML 10Page - Mitel Networks Corporation MT8967AS Datasheet HTML 11Page - Mitel Networks Corporation MT8967AS Datasheet HTML 12Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
MT8960/61/62/63/64/65/66/67 ISO2-CMOS
6-26
Logic Control Outputs SD0-5
These outputs are directly controlled by the logic
states of bits 0-5 in Register B. A logic low (GNDD)
in Register B causes the SD outputs to assume an
inactive state.
A logic high (VDD) in Register B
causes the SD outputs to assume an active state
(see Table 3). SD0-2 switch between GNDD and V
DD
and may be used
to
control
external
logic
or
transistor circuitry, for example, that employed on the
line card for performing such functions as relay drive
for application of ringing to line, message waiting
indication, etc.
SD3-5 are used primarily to drive external analog
circuitry.
Examples may include the switching in or
out of gain sections or filter sections (eg., ring trip
filter) (Figure 7).
MT8962/63/66/67 provides all six SD outputs.
MT8960/61/64/65 each packaged in an 18-pin DIP
provide only four control outputs, SD0-3.
Figure 6 - Typical Line Termination
Telephone Set
2 Wire
Analog
Supervision
Protection
Battery
Feed
Ringing
PCM Highway
2W/4W
Converter
MT8960/61
MT8962/63
MT8964/65
MT8966/67
Table 3. Control States - Register B
BITS 0-2
LOGIC CONTROL OUTPUTS SD0-SD2
0
Inactive state - logic low (GNDD).
1
Active state - logic high (VDD).
BIT 3
LOGIC CONTROL OUTPUT SD3
0
Inactive state - High Impedance.
1
Active state - GNDA.
BITS 4,5
LOGIC CONTROL OUTPUTS SD4, SD5
0
Inactive state - High Impedance.
1
Active state - GNDD.
BIT 7
BIT 6
CHIP TESTING CONTROLS
0
0
Normal operation.
0
1
Transmit filter testing, i.e.:
Transmit filter input connected to VX input
Receive filter and Buffer disconnected from VR
1
0
Receive filter testing, i.e.:
Receive filter input connected to VX input
Receive filter input disconnected from codec
1
1
Codec testing i.e.:
Codec analog input connected to VX
Codec analog input disconnected from transmit filter output
Codec analog output connected to VR
VR disconnected from receive filter output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com