Electronic Components Datasheet Search
  English  ▼

X  

MT8967AS Datasheet(PDF) 16 Page - Mitel Networks Corporation

Part # MT8967AS
Description  ISO2-CMOS Integrated PCM Filter Codec
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT8967AS Datasheet(HTML) 16 Page - Mitel Networks Corporation

Back Button MT8967AS Datasheet HTML 12Page - Mitel Networks Corporation MT8967AS Datasheet HTML 13Page - Mitel Networks Corporation MT8967AS Datasheet HTML 14Page - Mitel Networks Corporation MT8967AS Datasheet HTML 15Page - Mitel Networks Corporation MT8967AS Datasheet HTML 16Page - Mitel Networks Corporation MT8967AS Datasheet HTML 17Page - Mitel Networks Corporation MT8967AS Datasheet HTML 18Page - Mitel Networks Corporation MT8967AS Datasheet HTML 19Page - Mitel Networks Corporation MT8967AS Datasheet HTML 20Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
MT8960/61/62/63/64/65/66/67 ISO2-CMOS
6-34
* Typical figures are at 25°C with nominal ±5V supplies. For design aid only: not guaranteed and not subject to production testing.
Note 7: 0dBm0=1.185 VRMS for µ-Law codec and 0dBm0=1.231 VRMS for A-Law codec.
Figure 9a - Timing Diagram - 125
µs Frame Period
Receive (D/A) Path (cont’d)
Characteristics
Sym
Min
Typ*
Max
Units
Test Conditions
11
A
N
A
L
O
G
Envelope Delay
DAR
210
µs
@ 1004 Hz
12
Envelope Delay 1000-2600 Hz
Variation with
600-3000 Hz
Frequency
400-3200 Hz
DDR
90
170
265
µs
µs
µs
Input Signal:
400 - 3200 Hz digital
sinewave at 0 dBm0
13
Gain Relative to
<200 Hz
Gain @ 1004 Hz
200 Hz
(See Figure 11)
300-3000 Hz
3300 Hz
3400 Hz
4000 Hz
≥4600 Hz
GRR
-0.5
-0.125
-0.350
-0.80
0.125
0.125
0.125
0.030
-0.100
-14.0
-28.0
dB
dB
dB
dB
dB
dB
dB
0 dBm0 Input Signal
Receive
Filter
Response
14
Crosstalk A/D to D/A
CTTR
-70
dB
0 dBm0 @ 1.02 kHz
in A/D
15
Power Supply
VDD
Rejection
VEE
PSRR3
PSRR4
33
35
dB
dB
Input 50 mVRMS at
1.02 kHz
16
Overload Distortion
(See Fig. 15)
Input frequency=1.02 kHz
C2i
INPUT
F1i
INTERNAL
ENABLE
DSTo
OUTPUT
DSTi
INPUT
CA
CSTi
INPUT
LOAD
A-REGISTER
LOAD
B-REGISTER
125
µs
765
432
10
76
543
210
765
432
10
HIGH IMPEDANCE
7
7
76
6
765
432
10
5V
0V
(Mode 3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com