Electronic Components Datasheet Search
  English  ▼

X  

MT8967AS Datasheet(PDF) 5 Page - Mitel Networks Corporation

Part # MT8967AS
Description  ISO2-CMOS Integrated PCM Filter Codec
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT8967AS Datasheet(HTML) 5 Page - Mitel Networks Corporation

  MT8967AS Datasheet HTML 1Page - Mitel Networks Corporation MT8967AS Datasheet HTML 2Page - Mitel Networks Corporation MT8967AS Datasheet HTML 3Page - Mitel Networks Corporation MT8967AS Datasheet HTML 4Page - Mitel Networks Corporation MT8967AS Datasheet HTML 5Page - Mitel Networks Corporation MT8967AS Datasheet HTML 6Page - Mitel Networks Corporation MT8967AS Datasheet HTML 7Page - Mitel Networks Corporation MT8967AS Datasheet HTML 8Page - Mitel Networks Corporation MT8967AS Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
ISO2-CMOS
MT8960/61/62/63/64/65/66/67
6-23
VRef
An external voltage must be supplied to the VRef pin
which provides the reference voltage for the digital
encoding and decoding of the analog signal.
For
VRef = 2.5V, the digital encode decision value for
overload (maximum analog signal detect level) is
equal to an analog input VIN = 2.415V (µ-Law
version) or 2.5V (A-Law version) and is equivalent to
a
signal
level
of
3.17
dBm0
or
3.14
dBm0
respectively, at the codec.
The analog output voltage from the decoder at VR is
defined as:
µ-Law:
-0.5
2C
16.5 + S
V
Ref
X
[( 128 )+( 128 )( 33 )]±V
OFFSET
A-Law:
2C+1
0.5 + S
V
Ref
X
[( 128 )( 32 )] ±V
OFFSETC=0
2C
16.5 + S
V
Ref
X
[( 128 )( 32 )] ±V
OFFSETC≠0
where C = chord number (0-7)
S = step number (0-15)
VRef is a high impedance input with a varying
capacitive load of up to 40 pF.
The recommended reference voltage for the MT8960
series of codecs is 2.5V ±0.5%. The output voltage
from the reference source should have a maximum
temperature coefficient of 100 ppm/C°. This voltage
should have a total regulation tolerance of ±0.5%
both for changes in the input voltage and output
loading of the voltage reference source. A voltage
reference
circuit
capable
of
meeting
these
specifications is shown in Figure 5. Analog Devices
’AD1403A voltage reference circuit is capable of
driving a large number of codecs due to the high
input
impedance
of
the
VRef input.
Normal
precautions should be taken in PCB layout design to
minimize noise coupling to this pin.
A 0.1 µF
capacitor connected from VRef to ground and located
as close as possible to the codec is recommended to
minimize noise entering through VRef. This capacitor
should have good high frequency characteristics.
Timing
The codec operates in a synchronous manner (see
Figure 9a).
The codec is activated on the first
positive edge of C2i after F1i has gone
low.
The
digital output at DSTo (which is a three-state output
driver) will then change from a high impedance state
to the sign bit of the encoded PCM word to be
output. This will remain valid until the next positive
edge, when the next most significant bit will be
output.
On the first negative clock edge (after F1i signal has
been internally synchronized and CA is at GNDD or
VEE) the logic signal present at DSTi will be clocked
into the input shift register as the sign bit of the
incoming PCM word.
The eight-bit word is thus input at DSTi on negative
edges of C2i and output at DSTo on positive edges
of C2i.
F1i must return to a high level after the eighth
clock pulse causing DSTo to enter high impedance
and preventing further input data to DSTi. F1i will
continue to be sampled on every positive edge of
C2i.
(Note: F1i
may
subsequently be taken low
during the same sampling frame to enable entry of
serial data into CSTi. This occurs usually mid-frame,
in conjunction with CA=VDD, in order to enter an 8-bit
control word into Register B. In this case, PCM input
and output are inhibited by CA at VDD.)
Figure 5 - Typical Voltage Reference Circuit
NC
1234
5
6
7
8
AD1403A
+5V
2.5V
0.1
µF
VRef
MT8960-67
FILTER/CODEC
NC
NC
NC
NC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com