Electronic Components Datasheet Search
  English  ▼

X  

MT9042C Datasheet(PDF) 16 Page - Mitel Networks Corporation

Part # MT9042C
Description  Multitrunk System Synchronizer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT9042C Datasheet(HTML) 16 Page - Mitel Networks Corporation

Back Button MT9042C Datasheet HTML 12Page - Mitel Networks Corporation MT9042C Datasheet HTML 13Page - Mitel Networks Corporation MT9042C Datasheet HTML 14Page - Mitel Networks Corporation MT9042C Datasheet HTML 15Page - Mitel Networks Corporation MT9042C Datasheet HTML 16Page - Mitel Networks Corporation MT9042C Datasheet HTML 17Page - Mitel Networks Corporation MT9042C Datasheet HTML 18Page - Mitel Networks Corporation MT9042C Datasheet HTML 19Page - Mitel Networks Corporation MT9042C Datasheet HTML 20Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
MT9042C
Advance Information
16
Figure 14 - Dual T1 Reference Sources with MT9042C in 1.544MHz Automatic Control
1k
Ω
1k
Ω
10nF
To
TX Line
XFMR
MT8985
STo0
STi0
STo1
STi1
F0i
C4i
MT9042C
F0o
C4o
C2o
FS1
GTo
FS2
GTi
PRI
SEC
LOS1
LOS2
OSCi
MS1
MS2
RSEL
To
RX Line
XFMR
To Line 1
Out
MT9074
To
TX Line
XFMR
DSTo
DSTi
F0i
C4i
TTIP
TRING
RTIP
RRING
LOS
E1.5o
To
RX Line
XFMR
To Line 2
10uF
150k
Ω
RST
TRST
10k
Ω
+
MT9074
DSTo
DSTi
F0i
C4i
TTIP
TRING
RTIP
RRING
LOS
E1.5o
20MHz
±32ppm
CLOCK
1k
Ω
+ 5V
+ 5V
+ 5V
When 10 Normal to Holdover to Normal mode
change sequences occur without MTIE enabled, and
in each case holdover was entered for 2s, each
mode change sequence could still account for a
phase change as large as 350ns.
However, there
would be no accumulated phase change, since the
input to output phase is re-aligned after every
Holdover to Normal state change. The overall MTIE
would only be 350ns.
Reset Circuit
A simple power up reset circuit with about a 50us
reset low time is shown in Figure 15. Resistor RP is
for protection only and limits current into the RST pin
during power down conditions. The reset low time is
not critical but should be greater than 300ns.
Figure 15 - Power-Up Reset Circuit
+5V
RST
RP
1k
Ω
C
10nF
R
10k
Ω
MT9042C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com