Electronic Components Datasheet Search
  English  ▼

X  

MT9042C Datasheet(PDF) 21 Page - Mitel Networks Corporation

Part # MT9042C
Description  Multitrunk System Synchronizer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT9042C Datasheet(HTML) 21 Page - Mitel Networks Corporation

Back Button MT9042C Datasheet HTML 17Page - Mitel Networks Corporation MT9042C Datasheet HTML 18Page - Mitel Networks Corporation MT9042C Datasheet HTML 19Page - Mitel Networks Corporation MT9042C Datasheet HTML 20Page - Mitel Networks Corporation MT9042C Datasheet HTML 21Page - Mitel Networks Corporation MT9042C Datasheet HTML 22Page - Mitel Networks Corporation MT9042C Datasheet HTML 23Page - Mitel Networks Corporation MT9042C Datasheet HTML 24Page - Mitel Networks Corporation MT9042C Datasheet HTML 25Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
Advance Information
MT9042C
21
Figure 19 - Input to Output Timing (Normal Mode)
Figure 20 - Output Timing 1
tRW
tR15D
tR2D
tR8D
F8o
NOTES:
1. Input to output delay values
are valid after a TRST or RST
with no further state changes
VT
VT
VT
VT
PRI/SEC
8kHz
PRI/SEC
2.048MHz
PRI/SEC
1.544MHz
tRW
tRW
tF16WL
tF8WH
tC15W
tC15D
tC3D
tC4D
tC16D
tC8D
tF16S
tF0D
F0o
F16o
C16o
C8o
C4o
C2o
C3o
C1.5o
tC2D
F8o
tC4W
tF0WL
tC16WL
tC8W
tC2W
tC3W
tC8W
tC4W
tC3W
VT
VT
VT
VT
VT
VT
VT
VT
VT
tF16H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com