Electronic Components Datasheet Search
  English  ▼

X  

MT9042C Datasheet(PDF) 25 Page - Mitel Networks Corporation

Part # MT9042C
Description  Multitrunk System Synchronizer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT9042C Datasheet(HTML) 25 Page - Mitel Networks Corporation

Back Button MT9042C Datasheet HTML 20Page - Mitel Networks Corporation MT9042C Datasheet HTML 21Page - Mitel Networks Corporation MT9042C Datasheet HTML 22Page - Mitel Networks Corporation MT9042C Datasheet HTML 23Page - Mitel Networks Corporation MT9042C Datasheet HTML 24Page - Mitel Networks Corporation MT9042C Datasheet HTML 25Page - Mitel Networks Corporation MT9042C Datasheet HTML 26Page - Mitel Networks Corporation MT9042C Datasheet HTML 27Page - Mitel Networks Corporation MT9042C Datasheet HTML 28Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
Advance Information
MT9042C
25
† See "Notes" following AC Electrical Characteristics tables.
† Notes:
Voltages are with respect to ground (VSS) unless otherwise stated.
Supply voltage and operating temperature are as per Recommended Operating Conditions.
Timing parameters are as per AC Electrical Characteristics - Timing Parameter Measurement Voltage Levels
1. PRI reference input selected.
2. SEC reference input selected.
3. Normal Mode selected.
4. Holdover Mode selected.
5. Freerun Mode selected.
6. 8kHz Frequency Mode selected.
7. 1.544MHz Frequency Mode selected.
8. 2.048MHz Frequency Mode selected.
9. Master clock input OSCi at 20MHz
±0ppm.
10. Master clock input OSCi at 20MHz
±32ppm.
11. Master clock input OSCi at 20MHz
±100ppm.
12. Selected reference input at
±0ppm.
13. Selected reference input at
±32ppm.
14. Selected reference input at
±100ppm.
15. For Freerun Mode of
±0ppm.
16. For Freerun Mode of
±32ppm.
17. For Freerun Mode of
±100ppm.
18. For capture range of
±230ppm.
19. For capture range of
±198ppm.
20. For capture range of
±130ppm.
21. 25pF capacitive load.
22. OSCi Master Clock jitter is less than 2nspp, or 0.04UIpp where1UIpp=1/20MHz.
23. Jitter on reference input is less than 7nspp.
24. Applied jitter is sinusoidal.
25. Minimum applied input jitter magnitude to regain synchronization.
26. Loss of synchronization is obtained at slightly higher input jitter amplitudes.
27. Within 10ms of the state, reference or input change.
28. 1UIpp = 125us for 8kHz signals.
29. 1UIpp = 648ns for 1.544MHz signals.
30. 1UIpp = 488ns for 2.048MHz signals.
31. 1UIpp = 323ns for 3.088MHz signals.
32. 1UIpp = 244ns for 4.096MHz signals.
33. 1UIpp = 122ns for 8.192MHz signals.
34. 1UIpp = 61ns for 16.384MHz signals.
35. No filter.
36. 40Hz to 100kHz bandpass filter.
37. With respect to reference input signal frequency.
38. After a RST or TRST.
39. Master clock duty cycle 40% to 60%.
40. Prior to Holdover Mode, device was in Normal Mode and phase locked.
AC Electrical Characteristics - OSCi 20MHz Master Clock Input
Characteristics
Sym
Min
Max
Units
Conditions/Notes†
1
Frequency accuracy
(20 MHz nominal)
-0
+0
ppm
15,18
2
-32
+32
ppm
16,19
3
-100
+100
ppm
17,20
4
Duty cycle
40
60
%
5
Rise time
10
ns
6
Fall time
10
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com