Electronic Components Datasheet Search
  English  ▼

X  

MT9042C Datasheet(PDF) 22 Page - Mitel Networks Corporation

Part # MT9042C
Description  Multitrunk System Synchronizer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT9042C Datasheet(HTML) 22 Page - Mitel Networks Corporation

Back Button MT9042C Datasheet HTML 18Page - Mitel Networks Corporation MT9042C Datasheet HTML 19Page - Mitel Networks Corporation MT9042C Datasheet HTML 20Page - Mitel Networks Corporation MT9042C Datasheet HTML 21Page - Mitel Networks Corporation MT9042C Datasheet HTML 22Page - Mitel Networks Corporation MT9042C Datasheet HTML 23Page - Mitel Networks Corporation MT9042C Datasheet HTML 24Page - Mitel Networks Corporation MT9042C Datasheet HTML 25Page - Mitel Networks Corporation MT9042C Datasheet HTML 26Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
MT9042C
Advance Information
22
Figure 21 - Input Controls Setup and Hold Timing
† See "Notes" following AC Electrical Characteristics tables.
† See "Notes" following AC Electrical Characteristics tables.
† See "Notes" following AC Electrical Characteristics tables
AC Electrical Characteristics - Intrinsic Jitter Unfiltered
Characteristics
Sym
Min
Max
Units
Conditions/Notes†
1
Intrinsic jitter at F8o (8kHz)
0.0002
UIpp
1-14,21-24,28
2
Intrinsic jitter at F0o (8kHz)
0.0002
UIpp
1-14,21-24,28
3
Intrinsic jitter at F16o (8kHz)
0.0002
UIpp
1-14,21-24,28
4
Intrinsic jitter at C1.5o (1.544MHz)
0.030
UIpp
1-14,21-24,29
5
Intrinsic jitter at C2o (2.048MHz)
0.040
UIpp
1-14,21-24,30
6
Intrinsic jitter at C3o (3.088MHz)
0.060
UIpp
1-14,21-24,31
7
Intrinsic jitter at C4o (4.096MHz)
0.080
UIpp
1-14,21-24,32
8
Intrinsic jitter at C8o (8.192MHz)
0.160
UIpp
1-14,21-24,33
9
Intrinsic jitter at C16o (16.384MHz)
0.320
UIpp
1-14,21-24,34
AC Electrical Characteristics - C1.5o (1.544MHz) Intrinsic Jitter Filtered
Characteristics
Sym
Min
Max
Units
Conditions/Notes†
1
Intrinsic jitter (4Hz to 100kHz filter)
0.015
UIpp
1-14,21-24,29
2
Intrinsic jitter (10Hz to 40kHz filter)
0.010
UIpp
1-14,21-24,29
3
Intrinsic jitter (8kHz to 40kHz filter)
0.010
UIpp
1-14,21-24,29
4
Intrinsic jitter (10Hz to 8kHz filter)
0.005
UIpp
1-14,21-24,29
AC Electrical Characteristics - C2o (2.048MHz) Intrinsic Jitter Filtered
Characteristics
Sym
Min
Max
Units
Conditions/Notes†
1
Intrinsic jitter (4Hz to 100kHz filter)
0.015
UIpp
1-14,21-24,30
2
Intrinsic jitter (10Hz to 40kHz filter)
0.010
UIpp
1-14,21-24,30
3
Intrinsic jitter (8kHz to 40kHz filter)
0.010
UIpp
1-14,21-24,30
4
Intrinsic jitter (10Hz to 8kHz filter)
0.005
UIpp
1-14,21-24,30
tH
tS
F8o
MS1,2
LOS1,2
RSEL, GTi
VT
VT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com