Electronic Components Datasheet Search
  English  ▼

X  

MT9044AL Datasheet(PDF) 13 Page - Mitel Networks Corporation

Part # MT9044AL
Description  T1/E1/OC3 System Synchronizer
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT9044AL Datasheet(HTML) 13 Page - Mitel Networks Corporation

Back Button MT9044AL Datasheet HTML 9Page - Mitel Networks Corporation MT9044AL Datasheet HTML 10Page - Mitel Networks Corporation MT9044AL Datasheet HTML 11Page - Mitel Networks Corporation MT9044AL Datasheet HTML 12Page - Mitel Networks Corporation MT9044AL Datasheet HTML 13Page - Mitel Networks Corporation MT9044AL Datasheet HTML 14Page - Mitel Networks Corporation MT9044AL Datasheet HTML 15Page - Mitel Networks Corporation MT9044AL Datasheet HTML 16Page - Mitel Networks Corporation MT9044AL Datasheet HTML 17Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
Advance Information
MT9044
13
MT9044 Measures of Performance
The following are some synchronizer performance
indicators and their corresponding definitions.
Intrinsic Jitter
Intrinsic
jitter
is
the
jitter
produced
by
the
synchronizing circuit and is measured at its output.
It is measured by applying a reference signal with no
jitter to the input of the device, and measuring its
output jitter.
Intrinsic jitter may also be measured
when the device is in a non-synchronizing mode,
such as free running or holdover, by measuring the
output jitter of the device.
Intrinsic jitter is usually
measured with various bandlimiting filters depending
on the applicable standards.
Jitter Tolerance
Jitter tolerance is a measure of the ability of a PLL to
operate properly (i.e., remain in lock and or regain
lock in the presence of large jitter magnitudes at
various jitter frequencies) when jitter is applied to its
reference.
The applied jitter magnitude and jitter
frequency depends on the applicable standards.
Jitter Transfer
Jitter transfer or jitter attenuation refers to the
magnitude of jitter at the output of a device for a
given amount of jitter at the input of the device. Input
jitter
is
applied
at
various
amplitudes
and
frequencies, and output jitter is measured with
various
filters
depending
on
the
applicable
standards.
For the MT9044, two internal elements determine
the jitter attenuation.
This includes the internal
1.9Hz low pass loop filter and the phase slope
limiter.
The phase slope limiter limits the output
phase slope to 5ns/125us.
Therefore, if the input
signal exceeds this rate, such as for very large
amplitude low frequency input jitter, the maximum
output phase slope will be limited (i.e. attenuated) to
5ns/125us.
The MT9044 has thirteen outputs with three possible
input frequencies for a total of 39 possible jitter
transfer functions. However, the data sheet section
on AC Electrical Characteristics - Jitter Transfer
specifies transfer values for only three cases, 8kHz
to 8kHz, 1.544MHz to 1.544MHz and 2.048MHz to
2.048MHz.
Since all outputs are derived from the
same signal, these transfer values apply to all
outputs.
It should be noted that 1UI at 1.544MHz is 644ns,
which is not equal to 1UI at 2.048MHz, which is
488ns.
Consequently,
a
transfer
value
using
different input and output frequencies must be
calculated in common units (e.g. seconds) as shown
in the following example.
What is the T1 and E1 output jitter when the T1 input
jitter is 20UI (T1 UI Units) and the T1 to T1 jitter
attenuation is 18dB?
Using the above method, the jitter attenuation can be
calculated for all combinations of inputs and outputs
based on the three jitter transfer functions provided.
Note that the resulting jitter transfer functions for all
combinations of inputs (8kHz, 1.544MHz, 2.048MHz)
and
outputs
(8kHz,
1.544MHz,
2.048MHz,
4.096MHz, 8.192MHz, 16.384MHz) for a given input
signal (jitter frequency and jitter amplitude) are the
same.
Since
intrinsic
jitter
is
always
present,
jitter
attenuation will appear to be lower for small input
jitter signals than for large ones.
Consequently,
accurate jitter transfer function measurements are
usually made with large input jitter signals (e.g. 75%
of the specified maximum jitter tolerance).
Frequency Accuracy
Frequency accuracy is defined as the absolute
tolerance of an output clock signal when it is not
locked to an external reference, but is operating in a
free running mode.
For the MT9044, the Freerun
accuracy is equal to the Master Clock (OSCi)
accuracy.
Holdover Accuracy
Holdover accuracy is defined as the absolute
tolerance of an output clock signal, when it is not
OutputT 1
InputT 1
A
–
20
-------


×10
=
OutputT 120
18
–
20
---------


×10
2.5UI T 1
()
==
OutputE1
OutputT 1
644ns
()
488ns
()
-------------------
3.3UI T 1
()
=
×
=
OutputE1
OutputT 1
1UIT 1
()
1UIE1
()
----------------------
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com