Electronic Components Datasheet Search
  English  ▼

X  

MT9044AL Datasheet(PDF) 4 Page - Mitel Networks Corporation

Part # MT9044AL
Description  T1/E1/OC3 System Synchronizer
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT9044AL Datasheet(HTML) 4 Page - Mitel Networks Corporation

  MT9044AL Datasheet HTML 1Page - Mitel Networks Corporation MT9044AL Datasheet HTML 2Page - Mitel Networks Corporation MT9044AL Datasheet HTML 3Page - Mitel Networks Corporation MT9044AL Datasheet HTML 4Page - Mitel Networks Corporation MT9044AL Datasheet HTML 5Page - Mitel Networks Corporation MT9044AL Datasheet HTML 6Page - Mitel Networks Corporation MT9044AL Datasheet HTML 7Page - Mitel Networks Corporation MT9044AL Datasheet HTML 8Page - Mitel Networks Corporation MT9044AL Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
MT9044
Advance Information
4
34
28
LOS1
Primary Reference Loss (TTL Input). Typically, external equipment applies a
logic high to this input when the PRI reference signal is lost or invalid. The logic
level at this input is gated in by the rising edge of F8o. See LOS2 description. This
pin is internally pulled down to VSS.
35
29
TDO
Test Serial Data Out (TTL Output). JTAG serial data is output on this pin on the
falling edge of TCK. This pin is held in high impedance state when JTAG scan is
not enable.
36
30
MS2
Mode/Control Select 2 (TTL Input). This input, in conjunction with MS1,
determines the device’s mode (Automatic or Manual) and state (Normal, Holdover
or Freerun) of operation. The logic level at this input is gated in by the rising edge
of F8o. See Table 3.
37
31
MS1
Mode/Control Select 1 (TTL Input).
The logic level at this input is gated in by the
rising edge of F8o. See pin description for MS2. This pin is internally pulled down
to VSS.
38
32
RSEL
Reference Source Select (TTL Input). In Manual Control, a logic low selects the
PRI (primary) reference source as the input reference signal and a logic high
selects the SEC (secondary) input. In Automatic Control, this pin must be at logic
low. The logic level at this input is gated in by the rising edge of F8o. See Table 2.
This pin is internally pulled down to VSS.
39
33
TEST
Test (TTL Input). This input is normally tied low. When pulled high, it enables
internal test modes. This pin is internally pulled down to VSS.
40
34
FS2
Frequency Select 2 (TTL Input). This input, in conjunction with FS1, selects
which of three possible frequencies (8kHz, 1.544MHz, or 2.048MHz) may be input
to the PRI and SEC inputs. See Table 1.
41
35
FS1
Frequency Select 1 (TTL Input). See pin description for FS2.
42
36
TDI
Test Serial Data In (TTL Input). JTAG serial test instructions and data are shifted
in on this pin. This pin is internally pulled up to VDD.
43
37
RST
Reset (Schmitt Input). A logic low at this input resets the MT9044. To ensure
proper operation, the device must be reset after changes to the method of control,
reference signal frequency changes and power-up. The RST pin should be held
low for a minimum of 300ns. While the RST pin is low, all frame and clock outputs
are at logic high. Following a reset, the input reference source and output clocks
and frame pulses are phase aligned as shown in Figure 19.
44
38
TMS
Test Mode Select (TTL Input). JTAG signal that controls the state transitions of
the TAP controller. This pin is internally pulled up to VDD.
Pin Description (continued)
Pin #
PLCC
Pin #
MQFP
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com