Electronic Components Datasheet Search
  English  ▼

X  

MT9044AL Datasheet(PDF) 17 Page - Mitel Networks Corporation

Part # MT9044AL
Description  T1/E1/OC3 System Synchronizer
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT9044AL Datasheet(HTML) 17 Page - Mitel Networks Corporation

Back Button MT9044AL Datasheet HTML 13Page - Mitel Networks Corporation MT9044AL Datasheet HTML 14Page - Mitel Networks Corporation MT9044AL Datasheet HTML 15Page - Mitel Networks Corporation MT9044AL Datasheet HTML 16Page - Mitel Networks Corporation MT9044AL Datasheet HTML 17Page - Mitel Networks Corporation MT9044AL Datasheet HTML 18Page - Mitel Networks Corporation MT9044AL Datasheet HTML 19Page - Mitel Networks Corporation MT9044AL Datasheet HTML 20Page - Mitel Networks Corporation MT9044AL Datasheet HTML 21Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
Advance Information
MT9044
17
Figure 12 - Unsymmetrical Guard Time
Circuit
Figure 13 shows a typical timing example of an
unsymmetrical Guard Time Circuit with the MT9044
in Automatic Control.
TIE Correction (using GTi)
When Primary Holdover Mode is entered for short
time periods, TIE correction should not be enabled.
This will prevent unwanted accumulated phase
change between the input and output. This is mainly
applicable
to
Manual
Control,
since
Automatic
Control
together
with
the
Guard
Time
Circuit
inherently operate in this manner.
For instance, 10 Normal to Holdover to Normal mode
change sequences occur, and in each case Holdover
was entered for 2s. Each mode change sequence
could account for a phase change as large as 350ns.
Thus, the accumulated phase change could be as
large as 3.5us, and, the overall MTIE could be as
large as 3.5us.
•
0.05ppm is the accuracy of Holdover Mode
•
50ns is the maximum phase continuity of the
MT9044 from Normal Mode to Holdover Mode
•
200ns is the maximum phase continuity of the
MT9044 from Holdover Mode to Normal Mode (with
or without TIE Corrector Circuit)
When 10 Normal to Holdover to Normal mode
change sequences occur without MTIE enabled, and
in each case holdover was entered for 2s, each
mode change sequence could still account for a
phase change as large as 350ns.
However, there
would be no accumulated phase change, since the
input to output phase is re-aligned after every
Holdover to Normal state change. The overall MTIE
would only be 350ns.
RP
1k
Ω
GTi
C
10uF
RC
150k
Ω
MT9044
GTo
+
RD
1k
Ω
Phase
hold
0.05 ppm
2s
×
100ns
==
Phase
state
50ns
200ns
250ns
=
+
=
Phase
10
10
250ns
100ns
+
()
×
3.5us
==
Figure 13 - Automatic Control, Unsymmetrical Guard Time Circuit Timing Example
PRI
NORMAL
SEC
NORMAL
PRI
HOLDOVER
PRI
NORMAL
LOS2
GOOD
PRI
SIGNAL
STATUS
SEC
SIGNAL
STATUS
LOS1
PRI
NORMAL
PRI
HOLDOVER
BAD
GOOD
BAD
GOOD
GOOD
GTo
GTi
MT9044
STATE
VSIH
NOTES:
1. TD represents the time delay from when the reference goes
bad to when the MT9044 is provided with a LOS indication.
TD
TD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com