Electronic Components Datasheet Search
  English  ▼

X  

MT9044AL Datasheet(PDF) 2 Page - Mitel Networks Corporation

Part # MT9044AL
Description  T1/E1/OC3 System Synchronizer
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT9044AL Datasheet(HTML) 2 Page - Mitel Networks Corporation

  MT9044AL Datasheet HTML 1Page - Mitel Networks Corporation MT9044AL Datasheet HTML 2Page - Mitel Networks Corporation MT9044AL Datasheet HTML 3Page - Mitel Networks Corporation MT9044AL Datasheet HTML 4Page - Mitel Networks Corporation MT9044AL Datasheet HTML 5Page - Mitel Networks Corporation MT9044AL Datasheet HTML 6Page - Mitel Networks Corporation MT9044AL Datasheet HTML 7Page - Mitel Networks Corporation MT9044AL Datasheet HTML 8Page - Mitel Networks Corporation MT9044AL Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
MT9044
Advance Information
2
Figure 2 - Pin Connections
Pin Description
Pin #
PLCC
Pin #
MQFP
Name
Description
1,10,
23,31
39,4,17
,25
VSS
Ground. 0 Volts.
2
40
TCK
Test Clock (TTL Input): Provides the clock to the JTAG test logic. This pin is
internally pulled up to VDD.
341
TCLR
TIE Circuit Reset (TTL Input): A logic low at this input resets the Time Interval
Error (TIE) correction circuit resulting in a re-alignment of input phase with output
phase as shown in Figure 19. The TCLR pin should be held low for a minimum of
300ns. This pin is internally pulled down to VSS.
442
TRST
Test Reset (TTL Input): Asynchronously initializes the JTAG TAP controller by
putting it in the Test-Logic-Reset state. This pin is internally pulled down to VSS.
543
SEC
Secondary Reference (TTL Input). This is one of two (PRI & SEC) input
reference sources (falling edge) used for synchronization. One of three possible
frequencies (8kHz, 1.544MHzMHz, or 2.048MHz) may be used. The selection of
the input reference is based upon the MS1, MS2, LOS1, LOS2, RSEL, and GTi
control inputs (Automatic or Manual). This pin is internally pulled up to VDD.
6
44
PRI
Primary Reference (TTL Input). See pin description for SEC. This pin is
internally pulled up to VDD.
7,28
1,22
VDD
Positive Supply Voltage. +5VDC nominal.
8
2
OSCo
Oscillator Master Clock (CMOS Output). For crystal operation, a 20MHz crystal
is connected from this pin to OSCi, see Figure 10. For clock oscillator operation,
this pin is left unconnected, see Figure 9.
9
3
OSCi
Oscillator Master Clock (CMOS Input). For crystal operation, a 20MHz crystal is
connected from this pin to OSCo, see Figure 10. For clock oscillator operation, this
pin is connected to a clock source, see Figure 9.
11
5
F16o
Frame Pulse ST-BUS 8.192 Mb/s (CMOS Output). This is an 8kHz 61ns active
low framing pulse, which marks the beginning of an ST-BUS frame. This is typically
used for ST-BUS operation at 8.192 Mb/s. See Figure 20.
1
8
7
43
9
10
11
12
37
33
34
35
36
38
39
40
41
42
VDD
OSCo
OSCi
F16o
F0o
F8o
C1.5o
GTi
GTo
LOS2
LOS1
MS2
MS1
RSEL
18 19 20 21 22 23 24
MT9044
2
5
643
44
32
31
30
29
25 26 27 28
13
14
15
16
17
TEST
VSS
TDO
AVDD
TSP
RSP
VSS
HOLDOVER
39
2
1
42 41
3
4
5
6
31
27
28
29
30
32
33
34
35
36
VDD
OSCo
OSCi
F16o
F0o
F8o
C1.5o
GTi
GTo
LOS2
LOS1
MS2
MS1
RSEL
12 13 14 15 16 17 18
MT9044AL
40
43
44
37
38
26
25
24
19 20 21 22
7
8
9
10
11
HOLDOVER
TEST
VSS
TDO
AVDD
TSP
RSP
VSS
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com