| Electronic Components Datasheet Search |
|
MT9079AP Datasheet(PDF) 17 Page - Mitel Networks Corporation |
|
|
|||||||||||||||||||||||||||||
MT9079AP Datasheet(HTML) 17 Page - Mitel Networks Corporation |
|
17 / 54 page ![]() MT9079 4-253 CRC Error and E-bit Counters CRC-4 errors and E-bit errors are counted by the MT9079 in order to support compliance with CCITT requirements. These eight bit counters are located on page 4, addresses 1FH and 1EH respectively. They are incremented by single error events, which is a maximum rate of twice per CRC-4 multiframe. There are two maskable interrupts associated with the CRC error and E-bit error measurement. CRCI and EBI are initiated when the least significant bit of the appropriate counter toggles, and CRCO and EBO are initiated when the appropriate counter changes from FFH to 00H. G.821 Bit Error Rate Estimation A G.821 BERT estimation for an E1 link can be done with either the BERT counter, when it is associated with the FAS, or the Errored Frame Alignment Signal counter. It should be noted that the BERT counter will be incremented once for every bit error found in the FAS, and not just once for every FAS in error. The formula for the link BERT estimation is as follows: BERT estimation = BERT counter value/(N*F*T) where: N is the number of bits verified (i.e., when the FAS is used N = 7; when a channel is selected N = 8). F is the number of FAS or channels in one second (i.e., when the FAS is used F= 4000, when a channel is selected F = 8000). T is the elapsed time in seconds. A similar formula can be used with the FAS error counter. BERT estimation = FAS Error counter value/(7*4000*T). The CRC-4 error counter can also be used for BERT estimation. The formula for BERT estimation using the CRC-4 error count is as follows: BERT estimation = CEt counter value/(2048000*T) where: 2048000 is the number of bits that are received in one second. T is the elapsed time in seconds. A similar formula can be used to provide a BERT estimation of the transmit direction by using the E-bit error counter, EBt. A more accurate BERT estimation can be done using the Bipolar Violation Error counter. The BPV error counter will count violations that are not due to HDB3 encoding. The formula for this is as follows: BERT estimation = BPV Error counter value/(256*8000*T) where: 256 is the number of bits per basic frame. 8000 is the number of basic frames in one second. T is the elapsed time in seconds. This assumes that one BPV error will be the result of one bit error. RAI and Continuous CRC-4 Error Counter When the receive Remote Alarm Indication is active (RAI = 1 - bit 3 of the NFAS) and a receive E-bit indicates a remote error (En = 0), the RCRC counter will be incremented. This counter will count the number of submultiframes that were received in error at the remote end of a link during a time when layer one capabilities were lost at that end. This eight bit RCRC counter is located on page 4, addresses 19H. There are two maskable interrupts associated with the RCRC counter. RCRI is initiated when the least significant bit of the RCRC counter toggles, and RCRO and EBO are initiated when the counter changes from FFH to 00H. Maintenance and Alarms Error Insertion Five types of error conditions can be inserted into the transmit PCM 30 data stream through control bits, which are located on page 2, address 10H. These error events include the bipolar violation errors (BPVE), CRC-4 errors (CRCE), FAS errors (FASE), NFAS errors (NFSE), and a loss of signal condition (LOSE). The LOSE function overrides the HDB3 encoding function. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |