Electronic Components Datasheet Search
  English  ▼

X  

MT9079AP Datasheet(PDF) 5 Page - Mitel Networks Corporation

Part # MT9079AP
Description  CMOS ST-BUS??FAMILY Advanced Controller for E1
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT9079AP Datasheet(HTML) 5 Page - Mitel Networks Corporation

  MT9079AP Datasheet HTML 1Page - Mitel Networks Corporation MT9079AP Datasheet HTML 2Page - Mitel Networks Corporation MT9079AP Datasheet HTML 3Page - Mitel Networks Corporation MT9079AP Datasheet HTML 4Page - Mitel Networks Corporation MT9079AP Datasheet HTML 5Page - Mitel Networks Corporation MT9079AP Datasheet HTML 6Page - Mitel Networks Corporation MT9079AP Datasheet HTML 7Page - Mitel Networks Corporation MT9079AP Datasheet HTML 8Page - Mitel Networks Corporation MT9079AP Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 54 page
background image
MT9079
4-241
Notes:
1. All inputs are CMOS with TTL compatible logic levels.
2. All outputs are CMOS and are compatible with both TTL and CMOS logic levels.
3. See AC Electrical Characteristics - Timing Parameter Measurement Voltage Levels for input and output
voltage thresholds.
31
34
28
RxMF
Receive Multiframe Boundary (Output): An output pulse delimiting the received
multiframe boundary. The next frame output on the data stream (DSTo) is basic frame
zero on the PCM 30 link. This receive multiframe signal can be related to either the
receive CRC multiframe (MFSEL=1) or the receive signalling multiframe (MFSEL=0).
See Figures 25 and 26.
32
35
29
TxMF
Transmit Multiframe Boundary (Input): This input is used to set the channel
associated and CRC transmit multiframe boundary. The device will generate its own
multiframe if this pin is held high. This input is pulled high in most applications. See
Figures 24 to 26.
33
36
30
S/P
Serial/Parallel (Input): High - serial controller port or ST-BUS operation.
Low - parallel processor port operation.
34
37
31
VSS
Negative Power Supply (Input): Ground.
35
38
32
CSTi2
Control ST-BUS Input Two (Input): A 2.048 Mbit/s ST-BUS control stream which
contains the 30 (ABCDXXXX) transmit signalling nibbles when RPSIG=0.
When
RPSIG=1 this pin has no function. Only the most significant nibbles of each ST-BUS
timeslot are valid. See Figure 4c.
-39
33
NC
No Connection.
36
40
34
CSTo1 Control ST-BUS Output One (Output): A 2.048 Mbit/s serial status stream which
provides the 30 (ABCDXXXX) receive signalling nibbles.
37
41
35
TAIS
Transmit Alarm Indication Signal (Input): High - TxA and TxB will transmit data
normally. Low - TxA and TxB transmits an AIS (all ones signal).
38
42
36
TxB
Transmit B (Output): A split phase unipolar signal suitable for use with TxA, an
external line driver and a transformer to construct a bipolar PCM 30 line signal. This
output can also transmit RZ and NRZ bipolar signals. See Figures 28 and 30.
39
43
37
TxA
Transmit A (Output):A split phase unipolar signal suitable for use with TxB, an
external line driver and a transformer to construct a bipolar PCM 30 line signal. This
output can also transmit RZ and NRZ bipolar signals. See Figures 28 and 30.
40
44
38
IC
Internal Connection (Input): Connect to ground for normal operation.
Pin Description (Continued)
Pin #
Name
Description (see notes 1, 2 and 3)
DIP
PLCC
QFP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com