Electronic Components Datasheet Search
  English  ▼

X  

MT9079AP Datasheet(PDF) 4 Page - Mitel Networks Corporation

Part # MT9079AP
Description  CMOS ST-BUS??FAMILY Advanced Controller for E1
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT9079AP Datasheet(HTML) 4 Page - Mitel Networks Corporation

  MT9079AP Datasheet HTML 1Page - Mitel Networks Corporation MT9079AP Datasheet HTML 2Page - Mitel Networks Corporation MT9079AP Datasheet HTML 3Page - Mitel Networks Corporation MT9079AP Datasheet HTML 4Page - Mitel Networks Corporation MT9079AP Datasheet HTML 5Page - Mitel Networks Corporation MT9079AP Datasheet HTML 6Page - Mitel Networks Corporation MT9079AP Datasheet HTML 7Page - Mitel Networks Corporation MT9079AP Datasheet HTML 8Page - Mitel Networks Corporation MT9079AP Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 54 page
background image
MT9079
4-240
21
23
17
R/W
[P]
RxD
[S]
CSTi0
[ST]
Read/Write (Input): High - the parallel processor is reading data from the MT9079.
Low - the parallel processor is writing data to the MT9079.
Receive Data (Input): This pin function is used in Motorola and National Microwire
serial controller mode. Data is sampled on the rising edge of SCLK, MSB first. See
CS pin description.
Control ST-BUS Zero (Input): A 2.048 Mbit/s serial control stream which contains
the device control, mode selection, and performance monitoring control.
22
24
18
CS
[SP]
Chip Select (Input): Low - selects the MT9079 parallel processor or serial controller
interface. High - the parallel processor or serial controller interface is idle and all
bus I/O pins will be in a high impedance state. When controller mode is selected,
the SCLK input is sampled when CS is brought low. If SCLK is high the device in is
Intel mode; if SCLK is low it will be in Motorola/National Microwire mode. This pin
has no function (NC) in ST-BUS mode.
23
25
19
DS
[P]
SCLK
[S]
CSTi1
[ST]
Data Strobe (Input): This input is the active low data strobe of the parallel
processor interface.
Serial Clock (Input): This is used in serial controller mode to clock serial data in
and out of the MT9079 on RxD and SIO. If SCLK is high when CS goes low, the
device will be in Intel mode; if SCLK is low when CS goes low, it will be in
Motorola/National Microwire mode.
Control ST-BUS One (Input): A 2.048 Mbit/s serial control stream which contains
the per timeslot control programming.
24
26
20
C4i/C2i 4.096 MHz and 2.048 MHz System Clock (Input): This is master clock for the serial
PCM data and ST-BUS sections of the MT9079. The MT9079 automatically detects
whether a 4.096 or 2.048 MHz clock is being used. See Figure 22 for timing
information.
25
27
21
E2i
2.048 MHz Extracted Clock (Input): This clock is extracted from the received
signal. Its rising edge is used internally to clock in data received on RxA and RxB.
See Figure 29.
-28
22
NC
No Connection.
26
29
23
RxB
Receive B (Input): Received split phase unipolar signal decoded from a bipolar line
receiver. Receives RZ and NRZ bipolar signals. See Figures 29 and 31.
27
30
24
RxA
Receive A (Input): Received split phase unipolar signal decoded from a bipolar line
receiver. Receives RZ and NRZ bipolar signals. See Figurs 29 and 31.
28
31
25
F0i
Frame Pulse (Input): This is the ST-BUS frame synchronization signal which
delimits the 32 channel frame of all ST-BUS streams, as well as DSTi and DSTo in
all modes.
29
32
26
E8Ko
Extracted 8 kHz Clock (Output): An 8 kHz signal generated by dividing the
extracted 2.048 MHz clock (E2i) by 256 and aligning it with the received PCM 30
frame. The 8 kHz signal can be used to synchronize the system clock with the
extracted 2.048 MHz clock. E8Ko is high when 8KSEL=0. See Figure 27.
30
33
27
DSTi
Data ST-BUS (Input). A 2.048 Mbit/s serial stream which contains the 30 PCM or
data channels to be transmitted on the PCM 30 line. See Figure 4a.
Pin Description (Continued)
Pin #
Name
Description (see notes 1, 2 and 3)
DIP
PLCC
QFP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com