Electronic Components Datasheet Search
  English  ▼

X  

MT9079AP Datasheet(PDF) 35 Page - Mitel Networks Corporation

Part # MT9079AP
Description  CMOS ST-BUS??FAMILY Advanced Controller for E1
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT9079AP Datasheet(HTML) 35 Page - Mitel Networks Corporation

Back Button MT9079AP Datasheet HTML 31Page - Mitel Networks Corporation MT9079AP Datasheet HTML 32Page - Mitel Networks Corporation MT9079AP Datasheet HTML 33Page - Mitel Networks Corporation MT9079AP Datasheet HTML 34Page - Mitel Networks Corporation MT9079AP Datasheet HTML 35Page - Mitel Networks Corporation MT9079AP Datasheet HTML 36Page - Mitel Networks Corporation MT9079AP Datasheet HTML 37Page - Mitel Networks Corporation MT9079AP Datasheet HTML 38Page - Mitel Networks Corporation MT9079AP Datasheet HTML 39Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 54 page
background image
MT9079
4-271
Bit
Name
Functional Description
7
RSLIP
Receive Slip. A change of state (i.e.,
1-to-0 or 0-to-1) indicates that a
receive controlled frame slip has
occurred.
6
RSLPD
Receive Slip Direction. If one, indi-
cates that the last received frame slip
resulted in a repeated frame, i.e.,
system clock (C4i/C2i) faster than
network clock (ECLK). If zero, indi-
cates that the last received frame slip
resulted in a lost frame, i.e., system
clock slower than network clock.
Updated on an RSLIP occurrence
basis.
5
AUXP
Auxiliary Pattern. This bit will go high
when a continuous 101010... bit
stream (Auxiliary Pattern) is received
on the PCM 30 link for a period of at
least 512 bits. If zero, auxiliary pat-
tern is not being received. This pat-
tern will be decoded in the presents
of a bit error rate of as much as 10-3.
4
CEFS
Consecutively Errored Frame Align-
ment Signal. This bit goes high when
the last two frame alignment signals
were received in error. This bit will be
low when at least one of the last two
frame alignment signals is without
error.
3
RxFRM
Receive Frame. The most significant
bit of the phase status word. If one,
the phase status word is greater than
one frame in length; if zero, the
phase status word is less than one
frame in length.
2 - 0
RxTS4-2
Receive Time Slot. The three most
significant bits of a five bit counter
that indicates the number of time
slots between the ST-BUS frame
pulse and E8Ko.
Table 56 - Most Significant Phase Status Word
(Page 3, Address 15H)
Bit
Name
Functional Description
7 - 6
RxTS1-0
Receive Time Slot. The two least sig-
nificant bits of a five bit counter that
indicates the number of time slots
between the ST-BUS frame pulse
and E8Ko.
5 - 3
RxBC2 -0
Receive
Bit
Count.
A
three
bit
counter that indicates the number of
bits between the
ST-BUS frame
pulse and E8Ko.
2 - 0
RxEBC2 -0 Receive Eighth Bit Count. A three bit
counter that indicates the number of
one
eighth
bit
times
there
are
between the ST-BUS frame pulse
and E8Ko. These least significant
bits are valid only when the device is
clocked at 4.096 MHz. The accuracy
of the this measurement is approxi-
mately + 1/16 (one sixteenth) of a bit.
Table 57 - Least Significant Phase Status Word
(Page 3, Address 16H)
Bit
Name
Functional Description
7
CRCS1
Receive CRC Error Status One. If
one,
the
evaluation
of
the
last
received submultiframe one resulted
in an error. If zero, the last submulti-
frame one was error free. Updated
on a submultiframe one basis.
6
CRCS2
Receive CRC Error Status Two. If
one,
the
evaluation
of
the
last
received submultiframe two resulted
in an error. If zero, the last submulti-
frame two was error free. Updated on
a submultiframe two basis.
5
RFAIL
Remote CRC-4 Multiframe Genera-
tor/detector Failure. If one, each of
the previous five seconds have an
E-bit error count of greater than 989,
and for this same period the receive
RAI bit was zero (no remote alarm),
and for the same period the SYNC bit
was equal to zero (basic frame align-
ment has been maintained). If zero,
indicates normal operation.
Table 58 - Alarm Status Word One
(Page 3, Address 19H) (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com