Electronic Components Datasheet Search
  English  ▼

X  

MT9085AP Datasheet(PDF) 13 Page - Mitel Networks Corporation

Part # MT9085AP
Description  CMOS PAC - Parallel Access Circuit
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT9085AP Datasheet(HTML) 13 Page - Mitel Networks Corporation

Back Button MT9085AP Datasheet HTML 9Page - Mitel Networks Corporation MT9085AP Datasheet HTML 10Page - Mitel Networks Corporation MT9085AP Datasheet HTML 11Page - Mitel Networks Corporation MT9085AP Datasheet HTML 12Page - Mitel Networks Corporation MT9085AP Datasheet HTML 13Page - Mitel Networks Corporation MT9085AP Datasheet HTML 14Page - Mitel Networks Corporation MT9085AP Datasheet HTML 15Page - Mitel Networks Corporation MT9085AP Datasheet HTML 16Page - Mitel Networks Corporation MT9085AP Datasheet HTML 17Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
CMOS
MT9085
2-137
* Exceeding these values may cause permanent damage. Functional operation under these conditions is not implied.
‡ Typical figures are at 25°C and are for design aid only: not guaranteed and not subject to production testing.
‡ Typical figures are at 25°C and are for design aid only: not guaranteed and not subject to production testing.
Absolute Maximum Ratings* - Voltages are with respect to Ground (V
SS) unless otherwise stated.
Parameter
Symbol
Min
Max
Units
1VDD-VSS
-0.3
7
V
2
Voltage on Digital Inputs
VI
VSS-0.3
VDD+0.3
V
3
Voltage on Digital Outputs
VO
VSS-0.3
VDD+0.3
V
4
Current at Digital Outputs
IO
40
mA
5
Storage Temperature
TS
-40
125
°C
6
Package Power Dissipation
PD
2W
Recommended Operating Conditions - Voltages are with respect to Ground (V
SS) unless otherwise stated.
Characteristics
Sym
Min
Typ‡
Max
Units
Test Conditions
1
Operating Temperature
TOP
-40
70
°C
2
Positive Supply
VDD
4.5
5.5
V
3
Input Voltage
VI
0VDD
V
DC Electrical Characteristics - Voltages are with respect to Ground (V
SS) unless otherwise stated.
Characteristics
Sym
Min
Typ‡
Max
Units
Test Conditions
1
I
N
P
U
T
S
Supply Current
IDD
50
mA
Outputs unloaded
2
Input High Voltage - all pins
except C4i, F0i, S0-S31
VIH
0.7VDD
V
3
Input Low Voltage - all pins
except C4i, F0i, S0-S31
VIL
00.3VDD
V
4
Input High Voltage - C4i, F0i,
S0-S31
VIH
2.0
V
5
Input Low Voltage - C4i, F0i,
S0-S31
VIL
0.8
V
6
Input Leakage Current
IIL
±10
µA
7
O
U
T
P
U
T
S
Output Low Current S0-S31
IOL
8mA
VOL=0.4V
8
Output Low Current all outputs
except S0-S31
IOL
8mA
VOL=0.3VDD
9
Output High Current S0-S31
IOH
8mA
VOH=2.4V
10
Output High Current all outputs
except S0-S3
IOH
8mA
VOH=0.7VDD
11
High Impedance Leakage
IOZ
10
µA
12
Input Pin Capacitance
Ci
10
pF
13
Output Pin Capacitance
Co
10
pF
VDD=5.0V ±10 %



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com