Electronic Components Datasheet Search
  English  ▼

X  

MT9085AP Datasheet(PDF) 3 Page - Mitel Networks Corporation

Part # MT9085AP
Description  CMOS PAC - Parallel Access Circuit
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT9085AP Datasheet(HTML) 3 Page - Mitel Networks Corporation

  MT9085AP Datasheet HTML 1Page - Mitel Networks Corporation MT9085AP Datasheet HTML 2Page - Mitel Networks Corporation MT9085AP Datasheet HTML 3Page - Mitel Networks Corporation MT9085AP Datasheet HTML 4Page - Mitel Networks Corporation MT9085AP Datasheet HTML 5Page - Mitel Networks Corporation MT9085AP Datasheet HTML 6Page - Mitel Networks Corporation MT9085AP Datasheet HTML 7Page - Mitel Networks Corporation MT9085AP Datasheet HTML 8Page - Mitel Networks Corporation MT9085AP Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
CMOS
MT9085
2-127
Pin Description
Pin #
Name
Description
1VSS
Ground.
2-9
S0-S7
Serial Input/Outputs (TTL compatible with internal pullups). Time division, multiplexed serial
bus streams; inputs in serial to parallel mode (MCA=0), and outputs in parallel to serial mode
(MCA=1). Data rate on the serial streams can be selected to be 2.048 Mbit/s (2/4S=0) or 4.096
Mbit/s (2/4S=1). Refer to Figures 3, 4 and 5 for functional timing information.
10
VSS
Ground.
11-16
S8-S13 Serial Input/Outputs. See description for pins 2 - 9 above.
17
VDD
Supply Input. +5V.
18
VSS
Ground.
19-20 S14-S15 Serial Input/Outputs. See description for pins 2 - 9 above.
21-26 S16-S21 Serial Input/Outputs (TTL compatible with internal pullups). Time division, multiplexed serial
bus streams which are configured as inputs in serial to parallel mode (MCA =0), and outputs in
parallel to serial mode (MCA=1). Data is clocked at 2.048 Mbit/s (2/4S = 0). These input/
outputs are inactive when the device is configured for 4.096 Mbit/s operation (2/4S=1).
27
VSS
Ground.
28-33 S22-S27 Serial Input/Outputs. See description for pins 21-26 above.
34
VSS
Ground.
35
VDD
Supply Input +5V.
36-39 S28-S31 Serial Input/Outputs. See description for pins 21-26 above.
40
CKD
Clock Delay (Input). Control input which configures internal device timing.
CKD=0
Internal master counter is reset at the system frame boundary established by the
frame pulse (F0i).
CKD=1
Internal master counter is reset one C16 clock period after system frame boundary.
All data input/output will be delayed by one C16 clock period.
Timing for data input/output and for OE is affected by the level asserted on CKD. The relative
phase between the frame boundary established by F0i and output signals F0o, C2o, C4o,
DFPo, DFPo and CFPo is also affected by the state of the CKD input. See descriptions
pertaining to each specific pin for more information.
41
C4i
4.096MHz Clock Input. The 4.096 MHz clock signal must be phase locked to the 16.384 MHz.
clock. The falling edge of C4i is used to clock in the frame pulse (F0i).
42
OE
Output Enable (Input). When low, output data bus (serial or parallel) is actively driven.
When set high, the output bus drivers are disabled. In serial to parallel mode, the outputs are
disabled immediately after OE is taken High. See Figures 6 and 21 for timing information
pertaining to parallel to serial mode.
43
2/4S
2.048/4.096 Mbit/s Select (Input). Selects the data rate for the time division, multiplexed
serial streams. When tied low, the data rate is 2.048 Mbit/s. When tied high, the data rate is
4.096 Mbit/s.
44
MCA
Mode Control-A (Input). The device will perform a serial to parallel conversion when this
input is tied low. When the input is tied high, the device operates in the parallel to serial mode.
45
IC
Internal Connection. Must be tied to VSS for normal device operation.
46
IC
Internal Connection. Should be left unconnected.
47
CFPo
Connect Memory Frame Pulse (Output). Framing signal with a nominal 8 kHz frequency;
goes low 71 (CKD=0) or 68 (CKD=1) C16 clock cycles before the frame boundary established
by F0i. The signal is used by the connection memory in a typical 1k or 2k switch configuration.
See Figure 15 for timing information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com