Electronic Components Datasheet Search
  English  ▼

X  

MT9085AP Datasheet(PDF) 17 Page - Mitel Networks Corporation

Part # MT9085AP
Description  CMOS PAC - Parallel Access Circuit
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT9085AP Datasheet(HTML) 17 Page - Mitel Networks Corporation

Back Button MT9085AP Datasheet HTML 12Page - Mitel Networks Corporation MT9085AP Datasheet HTML 13Page - Mitel Networks Corporation MT9085AP Datasheet HTML 14Page - Mitel Networks Corporation MT9085AP Datasheet HTML 15Page - Mitel Networks Corporation MT9085AP Datasheet HTML 16Page - Mitel Networks Corporation MT9085AP Datasheet HTML 17Page - Mitel Networks Corporation MT9085AP Datasheet HTML 18Page - Mitel Networks Corporation MT9085AP Datasheet HTML 19Page - Mitel Networks Corporation MT9085AP Datasheet HTML 20Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
CMOS
MT9085
2-141
† Timing is over recommended temperature & power supply voltages
‡ Typical figures are at 25°C and are for design aid only: not guaranteed and not subject to production testing.
Figure 17 - Serial Input and Output Timing in 4 Mbit/s Mode (2/4S=1)
AC Electrical Characteristics† - Serial Input and Output Timing in 4 MHz Mode (2/4S=1)
(See Figure 17) - Voltages are with respect to Ground (V
SS) unless otherwise stated.
Characteristics
Sym
Min
Typ‡
Max
Units
Test Conditions
1
Serial Input Setup Time
tSS
0ns
2
Serial Input Hold Time
tSH
24
ns
3
Serial Output Delay
Active to Active
High Impedance to Active
Active to High Impedance
tSD
47
47
44
ns
ns
ns
CL=150pF
CL=150pF
CL=150pF
C4i
C16i
S0i-S7i
(CKD=0)
S0i-S7i
(CKD=1)
S0o-S7o
(CKD=0)
S0o-S7o
(CKD=1)
tSS
tSH
tSS
tSH
tSD
tSD
tSD
Note:
1)
The phase relationship of C4i and C16i depends on the user’s timing source (see Fig. 13 for device related contstraints).
Measurements for outputs are referenced to/from a low voltage of 0.4V to a high voltage of 2.4V
tSD
tSS
tSH
tSS
tSH
Serial Bit Cell
2)
Timing measurements for inputs are referenced to/from a low voltage of 0.8V and a high voltage of 2.0V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com