Electronic Components Datasheet Search
  English  ▼

X  

MT9126AS Datasheet(PDF) 4 Page - Mitel Networks Corporation

Part # MT9126AS
Description  CMOS Quad ADPCM Transcoder
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT9126AS Datasheet(HTML) 4 Page - Mitel Networks Corporation

  MT9126AS Datasheet HTML 1Page - Mitel Networks Corporation MT9126AS Datasheet HTML 2Page - Mitel Networks Corporation MT9126AS Datasheet HTML 3Page - Mitel Networks Corporation MT9126AS Datasheet HTML 4Page - Mitel Networks Corporation MT9126AS Datasheet HTML 5Page - Mitel Networks Corporation MT9126AS Datasheet HTML 6Page - Mitel Networks Corporation MT9126AS Datasheet HTML 7Page - Mitel Networks Corporation MT9126AS Datasheet HTML 8Page - Mitel Networks Corporation MT9126AS Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
MT9126
Preliminary Information
8-36
Notes:
All unused inputs should be connected to logic low or high unless otherwise stated. All outputs should be left open circuit when not used.
All inputs have TTL compatible logic levels except for MCLK which has CMOS compatible logic levels and PWRDN which has Schmitt
trigger compatible logic levels.
All outputs are CMOS with CMOS logic levels (See DC Electrical Characteristics).
19
20
21
MS1
MS2
MS3
Mode Selects 1, 2 and 3 (Inputs). Mode selects for all four encoders.
MS3
MS2
MS1
MODE
0
0
0
32 kbit/s ADPCM
0
0
1
24 kbit/s ADPCM
0
1
0
16 kbit/s ADPCM
in EN1/ENB1 when SEL=0
in EN2/ENB2 when SEL=1
0
1
1
ADPCM Bypass for 32 kbit/s and 24 kbit/s
1
0
0
ADPCM Bypass for 16 kbit/s
1
0
1
PCM Bypass (64 kbit/s) to PCM1 if SEL=0, PCM2 if SEL=1
1
1
0
Algorithm reset (ITU-T optional reset)
1
1
1
ADPCMo disable
22
VDD
Positive Power Supply. Nominally 5 volts +/-10%
23
ADPCMi
Serial ADPCM Stream ( Input). 128 kbit/s to 4096 kbit/s serial ADPCM word input
stream. Data bits are clocked in on falling edge of BCLK in SSI mode and clocked in on
the 3/4 bit edge of MCLK in ST-BUS mode.
24
ADPCMo
Serial ADPCM Stream (Output). 128 kbit/s to 4096 kbit/s serial ADPCM word output
stream. Data bits are clocked out by rising edge of BCLK in SSI mode and clocked out by
MCLK divided by two in ST-BUS mode.
25
26
27
MS4
MS5
MS6
Mode Selects 4, 5 and 6 (Inputs). Mode selects for all four decoders.
MS6
MS5
MS4
MODE
0
0
0
32 kbit/s ADPCM
0
0
1
24 kbit/s ADPCM
0
1
0
16 kbit/s ADPCM
in EN1/ENB1 when SEL=0
in EN2/ENB2 when SEL=1
0
1
1
ADPCM Bypass for 32 kbit/s and 24 kbit/s
1
0
0
ADPCM Bypass for 16 kbit/s
1
0
1
PCM Bypass (64 kbit/s) to PCM1 if SEL=0, PCM2 if SEL=1
1
1
0
Algorithm reset (ITU-T optional reset)
1
1
1
PCMo1/2 disable
28
EN2
Enable Strobe 2 (Output). This 8 bit wide, active high strobe is active during the B2
PCM channel in ST-BUS mode. Forced to high impedance when LINEAR=1.
Pin Description
Pin #
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com