Electronic Components Datasheet Search
  English  ▼

X  

NJ88C33MP Datasheet(PDF) 9 Page - Mitel Networks Corporation

Part # NJ88C33MP
Description  Frequency Synthesiser (I2C BUS Programmable)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

NJ88C33MP Datasheet(HTML) 9 Page - Mitel Networks Corporation

Back Button NJ88C33MP Datasheet HTML 3Page - Mitel Networks Corporation NJ88C33MP Datasheet HTML 4Page - Mitel Networks Corporation NJ88C33MP Datasheet HTML 5Page - Mitel Networks Corporation NJ88C33MP Datasheet HTML 6Page - Mitel Networks Corporation NJ88C33MP Datasheet HTML 7Page - Mitel Networks Corporation NJ88C33MP Datasheet HTML 8Page - Mitel Networks Corporation NJ88C33MP Datasheet HTML 9Page - Mitel Networks Corporation NJ88C33MP Datasheet HTML 10Page - Mitel Networks Corporation NJ88C33MP Datasheet HTML 11Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
NJ88C33
9
VCO Driving Without Voltage Doubler
To switch off the voltage doubler, bit 7 of the status register
is programmed low. This will reduce current consumption and
minimise noise. The voltage doubler output C should be
connected to GND1 as connection to GND2 would induce
noise in the VCO loop.
VCO Driving With Voltage Doubler
The voltage doubler is switched on by setting bit 7 of the
status register high. It is recommended that a reservoir
capacitor of at least 1µF be connected from C to GND1.
The voltage doubler is designed to boost VCO drive in low
voltage applications.
Fig. 9 Driving a VCO without voltage doubler
Fig. 10 Driving a VCO using the voltage doubler
Further Applications Information
A stand-alone programmer card and an evaluation board
are available for evaluating the NJ88C33. The programmer
card allows two sets of variables to be programmed into both
the divider and status registers during alternate programming
cycles, at either the standard I2C bus rate of 100kHz or at
2MHz.
Initialisation is with either a manual push-button or by an
external logic level pulse; a synchronisation output is provided
to allow a quick assessment of ‘step’ and ‘settle’ responses to
be made.
The NJ88C33 evaluation board (Fig. 11 ) dernonstrates
the preferred layout technique - providing a reference
oscillator, a 60 to 80MHz VCO and a simple loop filter to
complete a minimal frequency synthesiser loop. The two units
allow analysis of different loop variables as well as the
selection of comparison frequencies for fast frequency-
hopping loops.
Application Note: AN94, ‘Using the NJ88C33 PLL
Synthesiser’
explains the design equations and
demonstrates the use of the device, and is available from your
local Mitel Semiconductor customer service centre.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com