Electronic Components Datasheet Search
  English  ▼

X  

NJ88C33MP Datasheet(PDF) 5 Page - Mitel Networks Corporation

Part # NJ88C33MP
Description  Frequency Synthesiser (I2C BUS Programmable)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

NJ88C33MP Datasheet(HTML) 5 Page - Mitel Networks Corporation

  NJ88C33MP Datasheet HTML 1Page - Mitel Networks Corporation NJ88C33MP Datasheet HTML 2Page - Mitel Networks Corporation NJ88C33MP Datasheet HTML 3Page - Mitel Networks Corporation NJ88C33MP Datasheet HTML 4Page - Mitel Networks Corporation NJ88C33MP Datasheet HTML 5Page - Mitel Networks Corporation NJ88C33MP Datasheet HTML 6Page - Mitel Networks Corporation NJ88C33MP Datasheet HTML 7Page - Mitel Networks Corporation NJ88C33MP Datasheet HTML 8Page - Mitel Networks Corporation NJ88C33MP Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
NJ88C33
5
20
52
10
1.5
1.5
52
20
1.5
1.5
150
52
1.5
1.5
1
1
10
10
15
15
Input Signal RI
Input frequency
Input frequency
Rise time
Fall time
Slew rate
Input Signal FI
Input frequency
Input frequency
Rise time
Fall time
Slew rate
Input Signal FI
Input frequency
Input frequency
Rise time
Fall time
Slew rate
Output Signal PORT
Rise time
Fall time
Output Signal FVN
Fall time
Output Signal MOD
Rise time
Fall time
Delay time (L
→H)
Delay time (H
→L)
Characteristic
Conditions
Symbol
Unit
Min.
Typ.
Value
TIMING INFORMATION
f
max
f
max
t
R
t
F
f
max
f
max
t
R
t
F
f
max
f
max
t
R
t
F
t
R
t
F
t
F
t
R
t
F
t
DLH
t
DHL
0
0
3
0
0
3
0
0
3
MHz
MHz
µs
µs
V/µs
MHz
MHz
µs
µs
V/µs
MHz
MHz
µs
µs
V/µs
µs
µs
ns
ns
ns
ns
ns
VDD = 2.7V
Dual modulus
VDD = 2.7V
Single modulus
VDD = 2.7V
CL = 30pF
CL = 30pF
CL = 30pF
CL = 30pF
CL = 30pF
CL = 30pF Measured from +Ve edge of FI
CL = 30pF Measured from +Ve edge of FI
Max.
Output Pin C
Output voltage
Current Consumption
Characteristic
Symbol
Min.
Typ.
V
C
V
C
I
D
-V
DD
-V
DD
Conditions
fVD = 2MHz, IOC = 0µA, VDD = 3V
fVD = 2MHz, IOC = 100µA, VDD = 3V
fVD = 2MHz, IOC = 0µA, VDD = 3V
Value
Unit
V
V
µA
-V
DD + 0.8V
-V
DD + 1.5V
100
Max.
Fig. 4 Typical output signal PD, high current mode
VOLTAGE DOUBLER
V
DD ≤ 3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com