Electronic Components Datasheet Search
  English  ▼

X  

NJ88C33MP Datasheet(PDF) 7 Page - Mitel Networks Corporation

Part # NJ88C33MP
Description  Frequency Synthesiser (I2C BUS Programmable)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

NJ88C33MP Datasheet(HTML) 7 Page - Mitel Networks Corporation

Back Button NJ88C33MP Datasheet HTML 3Page - Mitel Networks Corporation NJ88C33MP Datasheet HTML 4Page - Mitel Networks Corporation NJ88C33MP Datasheet HTML 5Page - Mitel Networks Corporation NJ88C33MP Datasheet HTML 6Page - Mitel Networks Corporation NJ88C33MP Datasheet HTML 7Page - Mitel Networks Corporation NJ88C33MP Datasheet HTML 8Page - Mitel Networks Corporation NJ88C33MP Datasheet HTML 9Page - Mitel Networks Corporation NJ88C33MP Datasheet HTML 10Page - Mitel Networks Corporation NJ88C33MP Datasheet HTML 11Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
NJ88C33
7
Address and Sub-Address Formats
The correct addressing sequence for the NJ88C33 is
shown below.
The START condition is followed by the
address byte, the acknowledge from the NJ88C33, the sub-
address byte, another acknowledge then the associated data.
The correct values for each address and sub-address are
listed, together with the message selection options.
S = Start
St = Stop
A = Acknowledge
P = Programmable (as shown)
x = Don't care
Data Formats
Each of the data formats should be preceded contiguously
by the addressing sequence given above.
R counter : single or dual modulus
Status : single or dual modulus
N counter : single modulus
A/N counters : dual modulus
1
2
3
4
5
6
7
8
PORT = low
Counters off (1)
FI and RI off (2)
PD = polarity negative
PD bias = 0.625mA
f
VD = RI/2
Doubler off
MOD = push-pull
PORT = high
Counters on
FI and RI on
PD = polarity positive
PD bias = 2.5mA
f
VD = RI/4
Doubler on (3)
MOD = open drain
Status Byte
Bit
1
0
NOTES
1. In this standby mode the counters are disabled but the
voltage doubler and I2C interface can both function.
2. In this standby mode the FI and RI preamplifiers are
disabled, which stops the counters and the voltage doubler.
The I2C interface still operates.
3. The voltage doubler should only be used when V
DD ≤ 3.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com