Electronic Components Datasheet Search
  English  ▼

X  

NJ88C33MP Datasheet(PDF) 4 Page - Mitel Networks Corporation

Part # NJ88C33MP
Description  Frequency Synthesiser (I2C BUS Programmable)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

NJ88C33MP Datasheet(HTML) 4 Page - Mitel Networks Corporation

  NJ88C33MP Datasheet HTML 1Page - Mitel Networks Corporation NJ88C33MP Datasheet HTML 2Page - Mitel Networks Corporation NJ88C33MP Datasheet HTML 3Page - Mitel Networks Corporation NJ88C33MP Datasheet HTML 4Page - Mitel Networks Corporation NJ88C33MP Datasheet HTML 5Page - Mitel Networks Corporation NJ88C33MP Datasheet HTML 6Page - Mitel Networks Corporation NJ88C33MP Datasheet HTML 7Page - Mitel Networks Corporation NJ88C33MP Datasheet HTML 8Page - Mitel Networks Corporation NJ88C33MP Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
NJ88C33
4
Input Signals SDA,
SCL, S/D
Input voltage high
Input voltage low
Input capacitance
Input current
Input signal RI
Input frequency
Input voltage
Input capacitance
Input current
Input signal FI
Input frequency
Input voltage
Input capacitance
Input current
Input signal FI
Input frequency
Input voltage
Input capacitance
Input current
0.7V
DD
0
100
50
30
100
200
V
DD
0.3V
DD
10
10
52
10
10
52
10
10
150
10
10
ELECTRICAL CHARACTERISTICS
These characteristics are guaranteed over the following conditions (unless otherwise stated):
V
DD = 4.5V to 5.5V, Tamb = -40°C to +85°C
INPUT SIGNALS
Conditions
Symbol
Characteristic
V
IH
V
IL
C
I
I
IN
f
max
V
Irms
C
I
I
IN
f
max
V
Irms
C
I
I
IN
f
max
V
Irms
V
Irms
V
Irms
C
I
I
IN
V
V
pF
µA
MHz
mV
pF
µA
MHz
mV
pF
µA
MHz
mV
mV
mV
pF
µA
Unit
VIN = VDD = 5.5V
Sinewave input
Note 1, 2
VIN = VDD = 5.5V
Dual modulus operation
Sinewave input
Note 1, 2
VIN = VDD = 5.5V
Single modulus operation
Sinewave input
FI = 0-70MHz Note 1, 2
FI = 70-120MHz Note 1, 2
FI = 120-150MHz Note 1, 2
VIN = VDD = 5.5V
Min.
Max.
Typ.
Value
Output Signals SDA, LD
Output voltage low
Output Signal PD
High current mode (see Fig.4)
Low current mode
Tristate
Output Signal FVN
Output voltage low
Output low pulse width
Output Signals MOD, PORT
Output voltage high
Output voltage low
Output Signal LD
Output voltage low
Output low pulse width
Characteristic
1.9
-1.9
0.475
-0.475
V
DD-0.4
0.4
3.1
-3.1
0.775
-0.775
0.4
1/FI
0.4
0.4
1/FVN
1/f
C
Conditions
Symbol
V
OL
I
HU
I
HD
I
LU
I
LD
I
Z
V
OL
t
WL
V
OH
V
OL
V
OL
t
WL
Unit
Open drain, IOL = 3mA
CL = 400pF, tristate output
0 < VPD < 4.5, VDD = 5V, T = 25°C Note 1
0.4 < VPD < 5, VDD = 5V, T = 25°C Note 1
0 < VPD < 4.6, VDD = 5V, T = 25°C Note 1
0.4 < VPD < 5, VDD = 5V, T = 25°C Note 1
Tamb = -25°C to +60°C
Open drain output
IOL = 1mA
CL = 30pF
Push-pull output
IOH = 0.5mA
IOL = 0.5mA
Open drain output
IOL = 3mA, CL = 30pF
Loop locked
Loop not locked
FVN = FI/N
fC = RI/R
Min.
Max.
Typ.
Value
2.5
-2.5
0.625
-0.625
50
10
V
mA
mA
mA
mA
nA
V
V
V
V
ns
Note.1Lowest noise floor achieved at 10dB above this level with I2C bus operating. The source impedance should be less
than 2k
Ω.
Note.2DC coupled input amplitude V
IRMS > 0.8VDD.
OUTPUT SIGNALS
Note.1Temperature coefficient for current is typically -0.7%/°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com