Electronic Components Datasheet Search
  English  ▼

X  

TMP175 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TMP175
Description  TMPx75-Q1 Automotive Grade Temperature Sensor With I2C and SMBus Interface in Industry-Standard LM75 Form Factor and Pinout
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP175 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TMP175 Datasheet HTML 3Page - Texas Instruments TMP175 Datasheet HTML 4Page - Texas Instruments TMP175 Datasheet HTML 5Page - Texas Instruments TMP175 Datasheet HTML 6Page - Texas Instruments TMP175 Datasheet HTML 7Page - Texas Instruments TMP175 Datasheet HTML 8Page - Texas Instruments TMP175 Datasheet HTML 9Page - Texas Instruments TMP175 Datasheet HTML 10Page - Texas Instruments TMP175 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
500
450
400
350
300
250
200
150
100
50
0
Frequency (Hz)
1k
1
0k
1
00k
1M
1
0M
125°C
25°C
−55°C
Hs Mode
Fast Mode
300
250
200
150
100
Te mperature (°C)
−55
−35
−15
5
2
5
45
65
85
105
125 130
V+ = 5 V
V+ = 2..7 V
2
1.5
1
0.5
0
−0.5
−1
−1.5
−2
−55
−35
−15
5
25
45
65
85
105
12 5 130
Temperature ( C)
°
1
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
−0.1
Te mperature (°C)
−55
−35
−15
5
2
5
4
5
6
5
85
105 125 130
85
75
65
55
45
35
25
Temperature (°C)
−55
−35
−15
5
2
5
4
5
6
5
8
5
105
125 130
V+ = 5 V
V+ = 2..7V
TMP175-Q1, TMP75-Q1
www.ti.com
SBOS759 – NOVEMBER 2015
6.7 Typical Characteristics
at TA = 25°C and V+ = 5 V (unless otherwise noted)
Serial bus inactive
Figure 1. Quiescent Current vs Temperature
Figure 2. Shutdown Current vs Temperature
3 typical units, 12-bit resolution
12-bit resolution
Figure 4. Temperature Error vs Temperature
Figure 3. Conversion Time vs Temperature
Figure 5. Quiescent Current With Bus Activity vs Temperature
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TMP175-Q1 TMP75-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com