Electronic Components Datasheet Search
  English  ▼

X  

TMP175 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TMP175
Description  TMPx75-Q1 Automotive Grade Temperature Sensor With I2C and SMBus Interface in Industry-Standard LM75 Form Factor and Pinout
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP175 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TMP175 Datasheet HTML 8Page - Texas Instruments TMP175 Datasheet HTML 9Page - Texas Instruments TMP175 Datasheet HTML 10Page - Texas Instruments TMP175 Datasheet HTML 11Page - Texas Instruments TMP175 Datasheet HTML 12Page - Texas Instruments TMP175 Datasheet HTML 13Page - Texas Instruments TMP175 Datasheet HTML 14Page - Texas Instruments TMP175 Datasheet HTML 15Page - Texas Instruments TMP175 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 31 page
background image
TMP175-Q1, TMP75-Q1
SBOS759 – NOVEMBER 2015
www.ti.com
7.3.2.5 SMBus Alert Function
The TMP175-Q1 and TMP75-Q1 support the SMBus alert function. When the TMP75-Q1 and TMP175-Q1 are
operating in interrupt mode (TM = 1), the ALERT pin of the TMP75-Q1 or TMP175-Q1 can be connected as an
SMBus alert signal. When a master senses that an ALERT condition is present on the ALERT line, the master
sends an SMBus Alert command (00011001) on the bus. If the ALERT pin of the TMP75-Q1 or TMP175-Q1 is
active, the devices acknowledge the SMBus Alert command and respond by returning its slave address on the
SDA line. The eighth bit (LSB) of the slave address byte indicates if the temperature exceeding THIGH or falling
below TLOW caused the ALERT condition. This bit is high if the temperature is greater than or equal to THIGH. This
bit is low if the temperature is less than TLOW; see Figure 10 for details of this sequence.
If multiple devices on the bus respond to the SMBus Alert command, arbitration during the slave address portion
of the SMBus Alert command determines which device clears its ALERT status. If the TMP75-Q1 or TMP175-Q1
wins the arbitration, its ALERT pin becomes inactive at the completion of the SMBus Alert command. If the
TMP75-Q1 or TMP175-Q1 loses the arbitration, its ALERT pin remains active.
7.3.2.6 General Call
The TMP175-Q1 and TMP75-Q1 respond to a two-wire, general-call address (0000000) if the eighth bit is 0. The
device acknowledges the general call address and responds to commands in the second byte. If the second byte
is 00000100, the TMP175-Q1 and TMP75-Q1 latches the status of their address pins, but do not reset. If the
second byte is 00000110, the TMP175-Q1 and TMP75-Q1 latches the status of their address pins and resets
their internal registers to their power-up values.
7.3.2.7 High-Speed Mode
In order for the two-wire bus to operate at frequencies above 400 kHz, the master device must issue an Hs-mode
master code (00001XXX) as the first byte after a START condition to switch the bus to high-speed operation.
The TMP175-Q1 and TMP75-Q1 devices do not acknowledge this byte, but do switch their input filters on SDA
and SCL and their output filters on SDA to operate in Hs-mode, allowing transfers at up to 2.38 MHz. After the
Hs-mode master code is issued, the master transmits a two-wire slave address to initiate a data transfer
operation. The bus continues to operate in Hs-mode until a STOP condition occurs on the bus. Upon receiving
the STOP condition, the TMP175-Q1 and TMP75-Q1 switch the input and output filter back to fast-mode
operation.
7.3.2.8 Time-out Function
The TMP175-Q1 resets the serial interface if either SCL or SDA is held low for 54 ms (typical) between a START
and STOP condition. The TMP175-Q1 releases the bus if it is pulled low and waits for a START condition. To
avoid activating the time-out function, a communication speed of at least 1 kHz must be maintained for the SCL
operating frequency.
7.3.3 Timing Diagrams
The TMP175-Q1 and TMP75-Q1 devices are two-wire, SMBus, and I2C interface compatible. Figure 6 to
Figure 10 describe the various operations on the TMP175-Q1. The following list provides bus definitions.
Parameters for Figure 6 are defined in the Timing Requirements table.
Bus Idle: Both the SDA and SCL lines remain high.
Start Data Transfer: A change in the state of the SDA line from high to low when the SCL line is high defines a
START condition. Each data transfer is initiated with a START condition.
Stop Data Transfer: A change in the state of the SDA line from low to high when the SCL line is high defines a
STOP condition. Each data transfer is terminated with a repeated START or STOP condition.
Data Transfer: The number of data bytes transferred between a START and a STOP condition is not limited and
is determined by the master device. The receiver acknowledges the transfer of data.
Acknowledge: Each receiving device, when addressed, is obliged to generate an Acknowledge bit. A device
that acknowledges must pull down the SDA line during the Acknowledge clock pulse in such a way that the SDA
line is stable low during the high period of the Acknowledge clock pulse. Setup and hold times must be taken into
account. On a master receive, the termination of the data transfer can be signaled by the master generating a
Not-Acknowledge bit on the last byte that is transmitted by the slave.
12
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: TMP175-Q1 TMP75-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com