Electronic Components Datasheet Search
  English  ▼

X  

SL6619 Datasheet(PDF) 9 Page - Mitel Networks Corporation

Part # SL6619
Description  Direct Conversion FSK Data Receiver
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

SL6619 Datasheet(HTML) 9 Page - Mitel Networks Corporation

Back Button SL6619 Datasheet HTML 5Page - Mitel Networks Corporation SL6619 Datasheet HTML 6Page - Mitel Networks Corporation SL6619 Datasheet HTML 7Page - Mitel Networks Corporation SL6619 Datasheet HTML 8Page - Mitel Networks Corporation SL6619 Datasheet HTML 9Page - Mitel Networks Corporation SL6619 Datasheet HTML 10Page - Mitel Networks Corporation SL6619 Datasheet HTML 11Page - Mitel Networks Corporation SL6619 Datasheet HTML 12Page - Mitel Networks Corporation SL6619 Datasheet HTML 13Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
9
SL6619
OPERATION OF SL6619
Low Noise Amplifier
To achieve optimum performance it is necessary to incor-
porate a Low Noise RF Amplifier at the front end of the
receiver. This is easily biased using the on-chip voltages and
current source provided. All voltages and current sources
used for bias of the RF amplifier, receiver and mixers should
be RF decoupled using 1nF capacitors. The receiver also
requires a stable Local Oscillator at the required channel
frequency.
Local Oscillator
The Local Oscillator signal is applied to the device in
phase quadrature. This can be achieved with the use of two
RC networks operating at their 23dB/45
° transfer character-
istic. The RC characteristics for I and Q channels are com-
bined to give a full 90
° phase differential between the LO ports
of the device. Each LO port also requires an equal level of
drive from the oscillator. This is achieved by forming the two
RC networks into a power divider.
Gyrator Filters
The on-chip filters include an adjustable gyrator filter. This
may be adjusted by changing the value of the resistor con-
nected between pin 13 and GND. This allows adjustment of
the filters’ cutoff frequency and allows for compensation for
possible process variations.
Audio AGC (Fig. 3)
The Audio AGC consists of a current sink which is control-
led by the audio (baseband) signal. It has three parameters
that may be controlled by the user. These are the attack (turn
on ) time, decay (duration) time and threshold level. The
attack time is simply determined by the value of the external
capacitor connected to TCADJ. The external capacitor is in
series with an internal 100k
Ω resistor and the time constant
of this circuit dictates the attack time of the AGC.
i.e. tATTACK = 100kΩ3C18
The decay time is determined by the external resistor
connected in parallel with the capacitor CTC. The decay time
is simply
tDECAY = R173C18
When a large audio (baseband) signal is incident on the
input to the AGC circuit, the variable current source is turned
on. This causes a voltage drop across R13. The voltage
potential between VREF and the voltage on pin 31 causes a
current to flow in pin 30. This charges up C18 through the
100k
Ω internal resistor. As the voltage across the capacitor
increases, a current source is turned on and this sinks current
from pin 32. The current sink on pin 32 can be used to drive
the external AGC circuit by causing a PIN diode to conduct,
reducing the signal to the RF amplifier.
RF AGC
The RF AGC is an automatic gain control loop that
protects the mixer’s RF inputs, Pins 3 and 5, from large out of
band RF signals. The loop consists of an RF received signal
strength indicator which detect the signal at the inputs of the
mixers. This RSSI signal is then used to control the LNA
current source (pin 1).
Regulator
The on-chip regulator should be used in conjunction with
a suitable PNP transistor to achieve regulation. As the transis-
tor forms part of the regulator feedback loop the transistor
should exhibit the following characteristics:
HFE.100 for VCE. = 0·1V
If no external transistor is used, the maximum current
sourcing capability of the regulator is limited to 30
µA.
Automatic Frequency Control (Fig. 4)
The Automatic Frequency Control consists of a detection
circuit which gives a current output at AFC OP whose magni-
tude and sign is a function of the difference between the local
oscillator (fLO) and carrier frequencies (fC). This output current
is then filtered by an off-chip integrating capacitor. The
integrator’s output voltage is used to control a voltage control
crystal oscillator. This closes the AFC feedback loop giving
the automatic frequency control function. For an FSK modu-
lated incoming RF carrier, the AFC OP current’s polarity is
positive, i.e.current is sourced for fLO,fC,fLO14kHz and
negative, i.e. current is sunk, for fLO.fC.fLO24kHz. The
magnitude of the AFC OP current is a function of frequency
offset and the transmitted data’s bit stream. If the carrier
frequency, (fC), equals the local oscillator frequency, (fLO)
then the magnitude of the current is zero.
BIT RATE FILTER CONTROL
The logic level on pin 26 controls the cutoff frequency of
the 1st order bit rate for a given bit rate filter capacitor at pin
27. This allows the cutoff frequency to be changed between
fC, 2fC and 0·43fC through the logic level on pin 26. This
function is achieved by changing the value of the current in the
4f detector’s output stage. A logic zero (0V to 0·1V) on pin 26
gives a cutoff frequency of fC a logic one (VCC220·3V to VCC2)
gives a cut off frequency of 2fC and an open circuit at pin 26
gives a cutoff frequency of 0·43fC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com