Electronic Components Datasheet Search
  English  ▼

X  

SL6619 Datasheet(PDF) 18 Page - Mitel Networks Corporation

Part # SL6619
Description  Direct Conversion FSK Data Receiver
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

SL6619 Datasheet(HTML) 18 Page - Mitel Networks Corporation

Back Button SL6619 Datasheet HTML 13Page - Mitel Networks Corporation SL6619 Datasheet HTML 14Page - Mitel Networks Corporation SL6619 Datasheet HTML 15Page - Mitel Networks Corporation SL6619 Datasheet HTML 16Page - Mitel Networks Corporation SL6619 Datasheet HTML 17Page - Mitel Networks Corporation SL6619 Datasheet HTML 18Page - Mitel Networks Corporation SL6619 Datasheet HTML 19Page - Mitel Networks Corporation SL6619 Datasheet HTML 20Page - Mitel Networks Corporation SL6619 Datasheet HTML 21Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
18
SL6619
Conditions
282 Mitel characterisation board (Fig. 5), fC = 282MHz
1200bps baud rate, 4kHz peak deviation frequency, BER 1 in 30
The LNA gain is set such that an RF signal of 273dBm at the LNA input, offset from the LO by 4kHz, gives a typical signal
level of 300mVp-p at TPI and TPQ
Fig. 12 Typical deviation acceptance v. supply and temperature
240
220
0
20
40
60
80
4·0
3·5
3·0
2·5
TEMPERATURE
°C
VCC = 3·0, 4·0
VCC = 1·3, 2·7
VCC = 1·0, 1·9
Fig. 12a Typial deviation acceptance UP
240
220
0
20
40
60
80
2·5
2·4
2·3
2·2
2·1
TEMPERATURE
°C
VCC = 3·0, 4·0
VCC = 1·3, 2·7
VCC = 1·0, 1·9
Fig 12b Typical deviation acceptance DOWN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com