Electronic Components Datasheet Search
  English  ▼

X  

SL6619 Datasheet(PDF) 7 Page - Mitel Networks Corporation

Part # SL6619
Description  Direct Conversion FSK Data Receiver
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

SL6619 Datasheet(HTML) 7 Page - Mitel Networks Corporation

Back Button SL6619 Datasheet HTML 3Page - Mitel Networks Corporation SL6619 Datasheet HTML 4Page - Mitel Networks Corporation SL6619 Datasheet HTML 5Page - Mitel Networks Corporation SL6619 Datasheet HTML 6Page - Mitel Networks Corporation SL6619 Datasheet HTML 7Page - Mitel Networks Corporation SL6619 Datasheet HTML 8Page - Mitel Networks Corporation SL6619 Datasheet HTML 9Page - Mitel Networks Corporation SL6619 Datasheet HTML 10Page - Mitel Networks Corporation SL6619 Datasheet HTML 11Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
7
SL6619
RECEIVER CHARACTERISTICS (450MHz)
Receiver Characteristics (450MHz) are guaranteed over the following range of operating conditions unless otherwise stated.
Characteristics are not tested but are guaranteed by characterisation test or design. All measurements made using the
characterisation circuit Fig. 5. See Application Note AN137 for details of test method.
TAMB = 210°C to 155°C, VCC1 = 1·04V to 2·0V, VCC2 = 2·3V to 3·2V, VCC1,VCC220·8V, carrier frequency = 450MHz,
BER = 1 in 30, AFC open loop. LNA gain set such that an RF signal of273dBm at the LNA input, offset from the LO
by 4kHz, gives a typical IF signal level of 300mV p-p at TPI and TPQ. LNA noise figure,2dB
Characteristic
512bps, Df = 4·5kHz
1200bps, Df = 4·0kHz
2400bps, Df = 4·5kHz. LO = 215dBm
512bps, Df = 4·5kHz
1200bps, Df = 4·0kHz
2400bps, Df = 4·5kHz. LO = 215dBm. Channel
spacing 25kHz
512bps, Df = 4·5kHz
1200bps, Df = 4·0kHz
2400bps, Df = 4·5kHz. LO = 215dBm. Channel
spacing 25kHz
512bps, Df = 4·5kHz, no AFC
512bps, Df = 4·5kHz, no AFC
1200bps, Df = 4·0kHz, no AFC
1200bps, Df = 4·0kHz, no AFC
2400bps, Df = 4·5kHz, no AFC
2400bps, Df = 4·5kHz, no AFC
512bps, Df = 4·5kHz, no AFC
1200bps, Df = 4·0kHz, no AFC
2400bps, Df = 4·5kHz, no AFC
512bps, Df = 4·5kHz. All at sensitivity 13dB or above
1200bps, Df = 4·0kHz. All at sensitivity 13dB or above
2400bps, Df = 4·5kHz. All at sensitivity 13dB or above
Conditions
Sensitivity
Intermodulation, IP3
Adjacent Channel
Deviation Acceptance
Up
Down
Up
Down
Up
Down
Centre Frequency Acceptance
AFC Capture Range (AFC
Closed Loop)
Value
Typ.
Min.
2128
2126
2123
57
55
53
74
72
69
11·9
22·5
13·0
22·3
12·5
22·3
62·8
62·5
62·5
64
63·5
64
50
48
62·5
60
11·8
22·7
11·7
23
62·0
62·0
Max.
dBm
dBm
dBm
dB
dB
dB
dB
dB
dB
kHz
kHz
kHz
kHz
kHz
kHz
kHz
kHz
kHz
kHz
kHz
kHz
Units
2122
2119
14·6
21·7
14·6
21·7
62·9
63·2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com