Electronic Components Datasheet Search
  English  ▼

X  

SL6619 Datasheet(PDF) 10 Page - Mitel Networks Corporation

Part # SL6619
Description  Direct Conversion FSK Data Receiver
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

SL6619 Datasheet(HTML) 10 Page - Mitel Networks Corporation

Back Button SL6619 Datasheet HTML 6Page - Mitel Networks Corporation SL6619 Datasheet HTML 7Page - Mitel Networks Corporation SL6619 Datasheet HTML 8Page - Mitel Networks Corporation SL6619 Datasheet HTML 9Page - Mitel Networks Corporation SL6619 Datasheet HTML 10Page - Mitel Networks Corporation SL6619 Datasheet HTML 11Page - Mitel Networks Corporation SL6619 Datasheet HTML 12Page - Mitel Networks Corporation SL6619 Datasheet HTML 13Page - Mitel Networks Corporation SL6619 Datasheet HTML 14Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
10
SL6619
3·5
4
4·5
5
5·5
512, 1200, 2400
512, 1200, 2400
512, 1200, 2400
512, 1200, 2400
512, 1200, 2400
750pF
560pF
510pF
470pF
430pF
2·0nF
1·5nF
1·3nF
1·2nF
1·1nF
15k
Ω
15k
Ω
15k
Ω
15k
Ω
15k
Ω
C22
C21
R11
Component (Fig. 4)
Peak deviation
(kHz)
Baud rate
(bps)
Table 2 AFC defining components
Fig. 4 AFC schematic
Fig.3 AGC schematic
−
+
−
+
R13
C34
VREF
R17
RDECAY
C18
CTC
VREF
CURRENT
SOURCE 1
VCC
VREF15mV
32
31
30
100k
VCC1
RF
INPUT
TO RF AMP
VOLTAGE
REFERENCE
VCC2
0
µA/5µA
5
µA/0µA
AFC
DETECTION
CIRCUIT
C15
CINT 1
C30
CINT 2
VCC2
CVREF
R15
320k
TO VCXO
VARACTOR
DIODE
18
19
24
25
VCC1
R11
C21
C22
SL6619
SL6619



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com