Electronic Components Datasheet Search
  English  ▼

X  

SP5655 Datasheet(PDF) 10 Page - Mitel Networks Corporation

Part # SP5655
Description  2쨌7GHz Bidirectional I2C Bus Controlled Synthesiser
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

SP5655 Datasheet(HTML) 10 Page - Mitel Networks Corporation

Back Button SP5655 Datasheet HTML 4Page - Mitel Networks Corporation SP5655 Datasheet HTML 5Page - Mitel Networks Corporation SP5655 Datasheet HTML 6Page - Mitel Networks Corporation SP5655 Datasheet HTML 7Page - Mitel Networks Corporation SP5655 Datasheet HTML 8Page - Mitel Networks Corporation SP5655 Datasheet HTML 9Page - Mitel Networks Corporation SP5655 Datasheet HTML 10Page - Mitel Networks Corporation SP5655 Datasheet HTML 11Page - Mitel Networks Corporation SP5655 Datasheet HTML 12Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
SP5655
Normal operation, reference divider ratio = 1024
Normal operation, reference divider ratio = 512
Charge pump source (down), FL set to 0
Charge pump sink (up), FL set to 1
Port P7 = FPD/2
Port P7 = FPD, P6 = FCOMP
Charge pump disable, reference divider ratio = 512
Varactor line disable, reference divider ratio = 512
Charge pump and varactor line disable, reference divider ratio = 512
Operation mode description
Table 5 Operation modes
Hex code (byte 4)
CP high mode
CP low mode
CC
CE
E2
E6
EA
EE
DE
CF
DF
8C
8E
A2
A6
AA
AE
9E
8F
9F
TEST MODES
As explained in the functional description, The SP5655 can
be programmed into a numb er of test modes. These are invoked
by programming Hex codes into byte 4, those most commonly
used being shown in Table 6.
Other codes will also apply due to don’t care conditions, which
are assumed to be 1 in the Table.
NOTE:
When looking at FPD or FCOMP signals from ports P7 and P6. byte
should be sent twice, first to set the desired reference division
ratio then to switch on the chosen test mode.
The pulses can then be measured by simply connecting an
oscilloscope or counter to the relevant output pin on thetest board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com