Electronic Components Datasheet Search
  English  ▼

X  

SP5655 Datasheet(PDF) 6 Page - Mitel Networks Corporation

Part # SP5655
Description  2쨌7GHz Bidirectional I2C Bus Controlled Synthesiser
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

SP5655 Datasheet(HTML) 6 Page - Mitel Networks Corporation

Back Button SP5655 Datasheet HTML 2Page - Mitel Networks Corporation SP5655 Datasheet HTML 3Page - Mitel Networks Corporation SP5655 Datasheet HTML 4Page - Mitel Networks Corporation SP5655 Datasheet HTML 5Page - Mitel Networks Corporation SP5655 Datasheet HTML 6Page - Mitel Networks Corporation SP5655 Datasheet HTML 7Page - Mitel Networks Corporation SP5655 Datasheet HTML 8Page - Mitel Networks Corporation SP5655 Datasheet HTML 9Page - Mitel Networks Corporation SP5655 Datasheet HTML 10Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
SP5655
Fig. 4 Typical application
Fig. 5 Typical input sensitivity
SP5655
9
10
11
12
13
14
15
16
8
7
6
5
4
3
2
1
39n
22k
180n
1n
1
5V
0·1
µ
BCW31
18p
4MHz
CRYSTAL
1
5V
I 2C BUS SDA
SCL
CONTROL
MICRO
10n
10k
47k
VT
1
30V
22k
P3
IF SECTION
AFC OUT
1
12V
IF SIGNAL
1
12V
1n
OSCILLATOR
OUTPUT
VARICAP
INPUT
SATELLITE
TUNER
P0
P4
P5
P6
P7
300
150
100
50
120
1000
2000
2700
3000
3500
FREQUENCY (MHz)
OPERATING
WINDOW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com