Electronic Components Datasheet Search
  English  ▼

X  

SP5655 Datasheet(PDF) 3 Page - Mitel Networks Corporation

Part # SP5655
Description  2쨌7GHz Bidirectional I2C Bus Controlled Synthesiser
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

SP5655 Datasheet(HTML) 3 Page - Mitel Networks Corporation

  SP5655 Datasheet HTML 1Page - Mitel Networks Corporation SP5655 Datasheet HTML 2Page - Mitel Networks Corporation SP5655 Datasheet HTML 3Page - Mitel Networks Corporation SP5655 Datasheet HTML 4Page - Mitel Networks Corporation SP5655 Datasheet HTML 5Page - Mitel Networks Corporation SP5655 Datasheet HTML 6Page - Mitel Networks Corporation SP5655 Datasheet HTML 7Page - Mitel Networks Corporation SP5655 Datasheet HTML 8Page - Mitel Networks Corporation SP5655 Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
SP5655
Supply voltage
RF input voltage
Port voltage
Total port output current
Address select voltage
RF input DC offset
Charge pump DC offset
Drive output DC offset
Crystal oscillator DC offset
SDA, SCL input voltage
Storage temperature
Junction temperature
Parameter
Conditions
Port in off state
Port in on state
Port in on state
12
13,14
6-11
6-9
10, 11
6-9
10
13-14
1
16
2
4,5
Pin
ABSOLUTE MAXIMUM RATINGS
All voltages are referred to VEE and pin 3 at 0V
Max.
Min.
Units
7
2·5
14
6
14
50
VCC10·3
VCC10·3
VCC10·3
VCC10·3
VCC10·3
6
1
150
1
150
Value
2
0·3
2
0·3
2
0·3
2
0·3
2
0·3
2
0·3
2
0·3
2
0·3
2
0·3
2
0·3
2
55
V
V p-p
V
V
V
mA
V
V
V
V
V
V
°C
°C
Fig. 2 Block diagram
RF IN
15-BIT
PROGRAMMABLE
DIVIDER
PRESCALER
416
POWER
ON DET
I 2C BUS
TRANSCEIVER
ADDRESS
SELECT
LEVEL
3 TTL
COMP
3-BIT
ADC
POR
PREAMP
SCL
SDA
15-BIT LATCH
DIVIDE RATIO
6-BIT LATCH
PORT INFO
LOCK
DET
PHASE
COMP
F
CONTROL DATA
LATCHES
AND
CONTROL LOGIC
FL
4
13
14
5
4
CHARGE
PUMP
FCOMP
DIVIDER
4512/1024
DN
UP
CP
TO
OS
DRIVE/
VARICAP OUT
CHARGE PUMP
Q1
Q2
CRYSTAL
VCC
VEE
16
15
1
3
2
OSC
4
PORT OUTPUT DRIVERS
9
876
P4
P5
P6
P7
FPD
10
P3
11
P0
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com