Electronic Components Datasheet Search
  English  ▼

X  

SP5769 Datasheet(PDF) 1 Page - Mitel Networks Corporation

Part # SP5769
Description  3GHz I2C Bus Synthesiser
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

SP5769 Datasheet(HTML) 1 Page - Mitel Networks Corporation

  SP5769 Datasheet HTML 1Page - Mitel Networks Corporation SP5769 Datasheet HTML 2Page - Mitel Networks Corporation SP5769 Datasheet HTML 3Page - Mitel Networks Corporation SP5769 Datasheet HTML 4Page - Mitel Networks Corporation SP5769 Datasheet HTML 5Page - Mitel Networks Corporation SP5769 Datasheet HTML 6Page - Mitel Networks Corporation SP5769 Datasheet HTML 7Page - Mitel Networks Corporation SP5769 Datasheet HTML 8Page - Mitel Networks Corporation SP5769 Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
DS4878 Issue 4.0 October 1999
SP5769
3GHz I2C Bus Synthesiser
Preliminary information
Figure 1 SP5769 block diagram
Ordering Information
SP5769A/KG/MP1S (Tubes)
SP5769A/KG/MP1T (Tape and Reel)
SP5769A/KG/QP1S (Tubes)
SP5769A/KG/QP1T (Tape and Reel)
Features
G Complete 3·0 GHz Single Chip System
G Optimised for Low Phase Noise, with Comparison
Frequencies up to 4 MHz
G No RF Prescaler
G Selectable Reference Division Ratio
G Selectable Reference/Comparison Frequency Output
G Selectable Charge Pump Current with 10:1 Ratio
G Four Selectable I2C Addresses
G I2C Fast Mode Compliant with 3·3V and 5V Logic Levels
G Four Switching Ports
G Functional Replacement for SP5659 (except ADC)
G Pin Compatible with SP5655
G Power Consumption 110mW with VCC = 5·5V, all Ports off
G ESD Protection 2kV min., MIL-STD-883B Method 3015
Cat.1 (Normal ESD handling procedures should be
observed)
Applications
G Digital Satellite and Cable Tuning Systems
G Communications Systems
The SP5769 is a single chip frequency synthesiser
designed for tuning systems up to 3GHz. The RF
preamplifier interfaces direct with the RF programmable
divider, which is of MN1A construction so giving a step
Absolute Maximum Ratings
All voltages are referred to VEE = 0V
Supply voltage, VCC
RF differential input voltage
All I/O port DC offsets
SDA and SCL DC offset
Storage temperature
Junction temperature
MP16 thermal resistance
Chip to ambient,
θJA
Chip to case,
θJC
0·3V to 17V
2·5Vp-p
20·3 to VCC 10·3V
20·3 to 6V
255
°C to 1125°C
1150
°C
80
°C/W
20
°C/W
size equal to the loop comparison frequency and no
prescaler phase noise degradation over the full RF
operating range. The comparison frequency is obtained
either from an on-chip crystal controlled oscillator, or from
an external source. The oscillator frequency, fREF, or phase
comparator frequency, fCOMP, can be switched to the REF/
COMP output providing a reference for a second frequency
synthesiser. The synthesiser is controlled via an 12C bus
4-BIT LATCH AND
PORT INTERFACE
416/17
4-BIT
COUNT
11-BIT
COUNT
15-BIT LATCH
REFERENCE
DIVIDER
REF/COMP
CRYSTAL CAP
CRYSTAL
CHARGE PUMP
DRIVE
I2C BUS
TRANSCEIVER
ADDRESS
SDA
SCL
RF
INPUT
P3
11
2
3
1
16
6
13
14
10
4
5
PUMP
2 BIT
4 BIT
2 BIT
3 BIT
78
9
P2
P1
P0
CP TEST
MODE SET
LOCK
fPD/2
fPD/2 SELECT
ENABLE/
SELECT


Similar Part No. - SP5769

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
SP5768 ZARLINK-SP5768 Datasheet
104Kb / 10P
3.0 GHz Low Phase Noise Frequency Synthesiser
SP5768KG ZARLINK-SP5768KG Datasheet
104Kb / 10P
3.0 GHz Low Phase Noise Frequency Synthesiser
SP5768MP1S ZARLINK-SP5768MP1S Datasheet
104Kb / 10P
3.0 GHz Low Phase Noise Frequency Synthesiser
SP5768MP1T ZARLINK-SP5768MP1T Datasheet
104Kb / 10P
3.0 GHz Low Phase Noise Frequency Synthesiser
More results

Similar Description - SP5769

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
NJ88C33 MITEL-NJ88C33 Datasheet
155Kb / 11P
Frequency Synthesiser (I2C BUS Programmable)
SP5502 MITEL-SP5502 Datasheet
250Kb / 8P
1.3GHz I2C BUS 4-Address Synthesiser
SP5510 MITEL-SP5510 Datasheet
268Kb / 10P
1.3GHz Bidirectional I2C BUS Controlled Synthesiser
SP5512 MITEL-SP5512 Datasheet
241Kb / 10P
1.3GHz Bidirectional I2C BUS Controlled Synthesiser
SP5611 MITEL-SP5611 Datasheet
222Kb / 12P
1쨌3GHz Bidirectional I2C Bus Controlled Synthesiser
SP5669 MITEL-SP5669 Datasheet
237Kb / 15P
2.7GHz I2C Bus Controlled Synthesiser
logo
Zarlink Semiconductor I...
SP5511 ZARLINK-SP5511 Datasheet
182Kb / 12P
Bidirectional I2C Bus 4-Address Synthesiser
SP5524 ZARLINK-SP5524 Datasheet
286Kb / 10P
Bidirectional I2C Bus Controlled Synthesiser
NJ88C33 ZARLINK-NJ88C33 Datasheet
456Kb / 14P
Frequency Synthesiser (I2C BUS Programmable)
logo
Mitel Networks Corporat...
SP5669 MITEL-SP5669_97 Datasheet
198Kb / 12P
2.7GHz I2C Bus Controlled Synthesiser
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com