Electronic Components Datasheet Search
  English  ▼

X  

SP5769 Datasheet(PDF) 5 Page - Mitel Networks Corporation

Part # SP5769
Description  3GHz I2C Bus Synthesiser
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

SP5769 Datasheet(HTML) 5 Page - Mitel Networks Corporation

  SP5769 Datasheet HTML 1Page - Mitel Networks Corporation SP5769 Datasheet HTML 2Page - Mitel Networks Corporation SP5769 Datasheet HTML 3Page - Mitel Networks Corporation SP5769 Datasheet HTML 4Page - Mitel Networks Corporation SP5769 Datasheet HTML 5Page - Mitel Networks Corporation SP5769 Datasheet HTML 6Page - Mitel Networks Corporation SP5769 Datasheet HTML 7Page - Mitel Networks Corporation SP5769 Datasheet HTML 8Page - Mitel Networks Corporation SP5769 Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
SP5769
Address
Status byte
1
POR
Byte 1
Byte 2
1
FL
0
0
0
0
0
0
MA1
0
MA0
0
1
0
A
A
MSB
LSB
Table 3 Read data format (MSB transmitted first)
A
Acknowledge bit
MA1, MA0
Variable address bits (see Table 4)
POR
Power On Reset indicator
FL
Phase lock flag
Table 4 Address selection
* Programmed by connecting a 15kΩ resistor from pin 10 to V
CC
T2
Test mode description
0
1
1
1
1
T1
X
0
0
1
1
T0
X
0
1
0
1
Normal operation
Charge pump sink
Status byte FL = logic ‘0’
Charge pump source
Status byte FL = logic ‘0’
Charge pump disable
Status byte FL = logic ‘1’
P0 = fPD/2
0
0
1
1
MA1
0 to 0·1VCC
Open circuit
0·4VCC to 0·6VCC *
0·9VCC to VCC
Address input voltage level
MA0
0
1
0
1
Table 5 Test modes
100
1000
2000
FREQUENCY (MHz)
300
40
200
OPERATING WINDOW
3000
4000
100
Figure 3 Typical RF input sensitivity
Current (
µA)
0
0
1
1
0
1
0
1
C1
C0
Min.
Typ.
Max.
6116
6247
6517
61087
6155
6330
6690
61450
6194
6412
6862
61812
Table 6 Charge pump current
0
1
1
RE
High impedance
fREF selected
fCOMP selected
REF/COMP output
RS
X
0
1
Table 7 REF/COMP output



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com