Electronic Components Datasheet Search
  English  ▼

X  

SP5769 Datasheet(PDF) 6 Page - Mitel Networks Corporation

Part # SP5769
Description  3GHz I2C Bus Synthesiser
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

SP5769 Datasheet(HTML) 6 Page - Mitel Networks Corporation

Back Button SP5769 Datasheet HTML 2Page - Mitel Networks Corporation SP5769 Datasheet HTML 3Page - Mitel Networks Corporation SP5769 Datasheet HTML 4Page - Mitel Networks Corporation SP5769 Datasheet HTML 5Page - Mitel Networks Corporation SP5769 Datasheet HTML 6Page - Mitel Networks Corporation SP5769 Datasheet HTML 7Page - Mitel Networks Corporation SP5769 Datasheet HTML 8Page - Mitel Networks Corporation SP5769 Datasheet HTML 9Page - Mitel Networks Corporation SP5769 Datasheet HTML 10Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
SP5769
j2
j1
j0.5
j0.2
0
2j0.2
2j0.5
2j1
2j2
1
0.5
0.2
j5
2j5
2
5
0·5GHz
1GHz
2·5GHz
1·5GHz
S11: ZO = 50
Ω
Normalised to 50
Ω
Figure 4 RF input impedance
C22
C23
C24
LED 1
LED 2
R1
R4
R5
R6
R7
R8
R9
R10
R11
R12
R13
R14
S1
T1
VCO
X1
C1
C2
C3
C4
C5
C6
C7
C8
C9
C10
C11
C12
C13
C14
C15
C16
C17
C18
C19
C20
C21
Component
18pF
2·2nF
68pF
1nF
1nF
10nF
100nF
4·7
µF
100nF
100pF
1nF
100pF
100pF
4·7nF
100pF
4·7
µF
10nF
39pF
100pF
1nF
1nF
Value/type
Component
100pF
4·7
µF
1nF
HLMPK-150
HLMPK-150
4·7k
Ω
4·7k
Ω
4·7k
Ω
4·7k
Ω
13·3k
Ω
22k
Ω
1k
Ω
0
Ω
16
Ω
16
Ω
16
Ω
68
Ω
SW DIP-2
BCW31
POS_2000
4MHz
Value/type
Table 8 Component values for Figure 6
Figure 5 Crystal oscillator application
150p
68p
SP5769
2
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com