Electronic Components Datasheet Search
  English  ▼

X  

VP216 Datasheet(PDF) 1 Page - Mitel Networks Corporation

Part # VP216
Description  Dual 90MHz 6-Bit Analog to Digital Converter with VCO
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

VP216 Datasheet(HTML) 1 Page - Mitel Networks Corporation

  VP216 Datasheet HTML 1Page - Mitel Networks Corporation VP216 Datasheet HTML 2Page - Mitel Networks Corporation VP216 Datasheet HTML 3Page - Mitel Networks Corporation VP216 Datasheet HTML 4Page - Mitel Networks Corporation VP216 Datasheet HTML 5Page - Mitel Networks Corporation VP216 Datasheet HTML 6Page - Mitel Networks Corporation VP216 Datasheet HTML 7Page - Mitel Networks Corporation VP216 Datasheet HTML 8Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
-------------------------------------------------
-------------------------------------------------
+
ADC
DGND
CLK
12
11
DRIVER
8
OP AMPS
VRB VRM VRT
6-BIT
ADC
40
39
38
37
42
41
DI0
DI1
DI2
DI3
DI4
DI5
31
32
33
34
29
30
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
AIN_I
COMP_I
VRB
VREF
25
27
20
21
CLKOUT
CLKIN
TANK
BIAS
19
22
+
ADC
16
15
DRIVER
VRB VRM VRT
6-BIT
AIN_Q
COMP_Q
OUTPUTS
LATCHES
DATA
OUTPUTS
LATCHES
DATA
SEL
CLOCK
DRIVER
CLOCK
BUFFER
VCO
&
XTAL
OSC.
AGND
AGND
DVCC
AVCC
AVCC
AGC
6
6
35
36
6
VRT
CLKSEL
ADC
9,14,18,23
1,2
10,13,17,24
3,4
7
VRM
HP44
DQ5
DI2
DQ4
DI1
DVCC
DGND
DI0
33
34
35
36
37
38
39
AGND3
AIN_I
VRM
AVCC2
VRB
AGND2
COMP_I
7
8
9
10
11
12
13
AGND4
AIN_Q
AVCC3
COMP_Q
14
15
16
17
DQ3
DQ2
DQ0
DQ1
29
30
31
32
Fig.1 Pin connections - top view
Fig.2 System block diagram
The VP216 is a dual 90MHz 6-bit Analog to Digital
Converter designed for use in consumer satellite receivers
and
decoders,
video
systems,
multimedia
and
communications applications.
Operating from a single +5V supply, the VP216 includes
an on-chip high bandwidth ADC driver amplifier, a 6-bit ADC,
VCO or Ext. clock interface.
The VP216 also has the
necessary bias voltages for the reference resistor chain in
the 'flash' architecture of the ADC.
FEATURES
s 90MHz Conversion Rate
s VCO or Ext. Clock Interface
s High Bandwidth ADC Driver Amplifier
s Internal ADC Reference
s TTL Data Outputs
s Single 5 Volt Supply
s Dual ADC System for good channel matching
APPLICATIONS
s Satellite Decoders
s Multimedia
s Communications
ORDERING INFORMATION
VP216A CG HP1S (Commercial - 44 pin PLCC)
VP216
Dual 90MHz 6-Bit Analog to Digital Converter with VCO
Preliminary Information
DS4070 - 1.6 May 1996


Similar Part No. - VP216

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
VP216 ZARLINK-VP216 Datasheet
253Kb / 9P
Dual 90MHz 6-Bit Analog to Digital Converter with VCO
VP216ACGHP1S ZARLINK-VP216ACGHP1S Datasheet
253Kb / 9P
Dual 90MHz 6-Bit Analog to Digital Converter with VCO
More results

Similar Description - VP216

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8705A PHILIPS-TDA8705A Datasheet
111Kb / 16P
6-bit high-speed dual Analog-to-Digital Converter ADC
1996 Jan 12
logo
STMicroelectronics
STV0190 STMICROELECTRONICS-STV0190 Datasheet
68Kb / 7P
DUAL 40 MSPS 6-BIT ANALOG TO DIGITAL CONVERTER
May-1996
logo
Texas Instruments
TL5501 TI-TL5501 Datasheet
115Kb / 7P
6-BIT ANALOG-TO-DIGITAL CONVERTER
logo
Mitel Networks Corporat...
VP211 MITEL-VP211 Datasheet
133Kb / 8P
Dual 90MHz 6-Bit Analog to Digital Converter
VP213 MITEL-VP213 Datasheet
187Kb / 9P
Dual 90MHz 6-Bit Analog to Digital Converter
VP215 MITEL-VP215 Datasheet
187Kb / 9P
Dual 90MHz 6-Bit Analog to Digital Converter
logo
Zarlink Semiconductor I...
VP211 ZARLINK-VP211 Datasheet
261Kb / 8P
Dual 90MHz 6-Bit Analog to Digital Converter
VP215 ZARLINK-VP215 Datasheet
109Kb / 7P
Dual 90MHz 6-Bit Analog to Digital Converter
VP216 ZARLINK-VP216 Datasheet
253Kb / 9P
Dual 90MHz 6-Bit Analog to Digital Converter with VCO
logo
Texas Instruments
TL5501 TI1-TL5501_05 Datasheet
144Kb / 8P
6-BIT ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com