Electronic Components Datasheet Search
  English  ▼

X  

VP216 Datasheet(PDF) 2 Page - Mitel Networks Corporation

Part # VP216
Description  Dual 90MHz 6-Bit Analog to Digital Converter with VCO
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

VP216 Datasheet(HTML) 2 Page - Mitel Networks Corporation

  VP216 Datasheet HTML 1Page - Mitel Networks Corporation VP216 Datasheet HTML 2Page - Mitel Networks Corporation VP216 Datasheet HTML 3Page - Mitel Networks Corporation VP216 Datasheet HTML 4Page - Mitel Networks Corporation VP216 Datasheet HTML 5Page - Mitel Networks Corporation VP216 Datasheet HTML 6Page - Mitel Networks Corporation VP216 Datasheet HTML 7Page - Mitel Networks Corporation VP216 Datasheet HTML 8Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
VP216
2
ELECTRICAL CHARACTERISTICS
Test conditions (unless otherwise stated)Tamb = 25°C, AVCC = DVCC = +5V, full temperature range = 0°C to +70°C
DC CHARACTERISTICS All specifications apply to either of the two ADCs
Characteristic
Symbol
Temp.
Test
Level
Min.
Value
Typ.
Max.
Units
Conditions
Resolution
-
-
-
6
-
-
Bits
Static performance
Differential non-linearity
Integral non-linearity
DNL
INL
+25°C
Full
+25°C
Full
4
4
4
4
-
-
-
-
-
-
-
-
±0.5
±0.5
±0.5
±0.5
LSB
LSB
LSB
LSB
Missing codes
Full
4
Guaranteed
Power supply
Analog supply voltage
Digital supply voltage
Analog supply current
Digital supply current
Power dissipation
AVCC
DVCC
AICC
DICC
P
Full
Full
+25°C
Full
+25°C
Full
+25°C
Full
4
4
1
4
1
4
1
4
4.75
4.75
60
-
15
-
375
-
5.0
5.0
72
-
23
-
475
-
5.25
5.25
85
-
30
-
575
-
V
V
mA
mA
mA
mA
mW
mW
Analog input
Input range
Input resistance
Input capacitance
Gain matching
Input -3dB bandwidth
Ain input voltage
Comp output
Vin
Rin
Cin
AVH
F3dB
Aindc
Vcomp
Full
+25°C
+25°C
+25°C
+25°C
+25°C
+25°C
5
1
5
1
4
1
1
-
4.5k
-
-
-
3.6
1.6
1.0
5.75k
3.0
-
200
3.85
1.8
-
7.5k
-
0.25
-
4.1
2.0
V
Ω
pF
dB
MHz
V
V
Pk to Pk
CLKIN
Input voltage high
Input voltage low
Input current high
Input current low
Vih
Vil
Iih
Iil
+25°C
Full
+25°C
Full
+25°C
Full
+25°C
Full
1
4
1
4
1
4
1
4
2.0
-
-
-
-
-
–0.2
-
-
-
-
-
-
-
-
-
-
-
0.8
-
1
-
–0.5
-
V
V
V
V
µA
mA
DVCC= 5.25V
Vin = 2.7V
DVCC= 5.25V
Vin = 0.4V
TTL digital outputs
Output voltage high
Output voltage low
Output current high
Output current low
Voh
Vol
Ioh
Iol
+25°C
Full
+25°C
Full
+25°C
Full
+25°C
Full
1
4
1
4
1
4
1
4
2.4
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
3.0
-
0.4
-
–400
-
1
-
V
V
V
V
µA
-
mA
-
DVCC = 4.75V
Ioh = -400µA
DVCC = 4.75V
Iol = 1mA
DVCC = 4.75V
DVCC = 4.75V
THERMAL CHARACTERISTICS
THERMAL RESISTANCES
Junction to case(
Θjc)
19°C/W
Junction to ambient(
ΘjA)
55°C/W
ABSOLUTE MAXIMUM RATINGS
DC supply voltage (VCC)
-0.3 to +7V
Analog input voltage (AIN)
-0.3 to VCC+0.3V
Digital inputs (CLKSEL, MSBSEL)
VCC
Digital output current (Ioh, Iol, Isc)
-20 to +20mA
Ambient operating temperature (Tamb)
0°C to +70°C
Storage temperature (Tstorage)
-55°C to +125°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com