Electronic Components Datasheet Search
  English  ▼

X  

VP216 Datasheet(PDF) 3 Page - Mitel Networks Corporation

Part # VP216
Description  Dual 90MHz 6-Bit Analog to Digital Converter with VCO
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

VP216 Datasheet(HTML) 3 Page - Mitel Networks Corporation

  VP216 Datasheet HTML 1Page - Mitel Networks Corporation VP216 Datasheet HTML 2Page - Mitel Networks Corporation VP216 Datasheet HTML 3Page - Mitel Networks Corporation VP216 Datasheet HTML 4Page - Mitel Networks Corporation VP216 Datasheet HTML 5Page - Mitel Networks Corporation VP216 Datasheet HTML 6Page - Mitel Networks Corporation VP216 Datasheet HTML 7Page - Mitel Networks Corporation VP216 Datasheet HTML 8Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
VP216
3
DC CHARACTERISTICS (cont.)
CLKSEL
Input voltage high
Input voltage low
Input current high
Input current low
Vih
Vil
Iih
Iil
+25°C
Full
+25°C
Full
+25°C
Full
+25°C
Full
1
4
1
4
1
4
1
4
2.0
-
-
-
-
-
–50
-
-
-
-
-
-
-
–100
-
-
-
0.8
-
1.0
-
–150
-
V
V
V
V
µA
µA
DVCC = 5.25V
Vih = 2.7V
DVCC = 5.25V
Vil = 0.4V
VCO
Input capacitance
Bias voltage
AGC voltage
Ctank
Vbias
Vagc
+25°C
+25°C
+25°C
5
1
1
-
1.4
1.3
2.0
1.6
1.65
-
1.8
1.7
pF
V
V
Reference voltage
REF 2.5
REF 3.0
REF 3.5
VRB
VRM
VRT
+25°C
+25°C
+25°C
1
1
1
2.374
2.848
3.323
2.525
3.03
3.55
2.677
3.212
3.747
V
V
V
no load
Characteristic
Symbol
Temp.
Test
Level
Min.
Value
Typ.
Max.
Units
Conditions
AC CHARACTERISTICS
Characteristic
Symbol
Temp.
Test
Level
Min.
Value
Typ.
Max.
Units
Conditions
Switching performance
Clock high pulse width
Clock low pulse width
Max. conversion rate
Data setup time
Data hold time
Aperture delay
Aperture delay matching
Aperture jitter
Tpw1
Tpw0
Fmax
Tsu
Th
Tad
Tadδ
Taj
+25°C
+25°C
+25°C
Full
Full
+25°C
+25°C
+25°C
4
4
1
4
4
4
4
4
30
30
90
8
2
2
-
10
50
50
-
10
4
3
0.2
25
70
70
-
-
-
4
0.5
50
%
%
MHz
ns
ns
ns
ns
ps rms
Cload=10pF
Cload=10pF
Dynamic performance
Differential non-linearity
Integral non-linearity
Signal to noise ratio
Total harmonic distortion
Effective No. of bits
Crosstalk rejection
Input offset
Error rate
DNL
INL
SNR
THD
ENOB
CTR
Vos
BER
+25°C
+25°C
+25°C
+25°C
+25°C
+25°C
+25°C
+25°C
1
1
1
4
1
5
1
5
–0.95
-
31.8
40
5.0
-
-
-
-
-
-
-
5.5
50
±0.5
10e-8
+1.2
±1
-
-
-
-
±1
-
LSB
LSB
dB
dBc
bits
dBc
LSB
AIN=15MHz
AIN=15MHz
AIN=15MHz
AIN=15MHz
NOTES
1. An input voltage of 0.0 volts ±0.5 LSB should nominally correspond to the ‘011111’ to ‘100000’B transition edge.
}
TEST LEVELS
Level 1 - 100% production tested.
Level 2 - 100% production tested at 25°C and sample
tested at specified temperatures.
Level 3 - Sample tested only.
Level 4 - Parameter is guaranteed by design and
characterisation testing.
Level 5 - Parameter is typical value only.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com