Electronic Components Datasheet Search
  English  ▼

X  

VP216 Datasheet(PDF) 5 Page - Mitel Networks Corporation

Part # VP216
Description  Dual 90MHz 6-Bit Analog to Digital Converter with VCO
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

VP216 Datasheet(HTML) 5 Page - Mitel Networks Corporation

  VP216 Datasheet HTML 1Page - Mitel Networks Corporation VP216 Datasheet HTML 2Page - Mitel Networks Corporation VP216 Datasheet HTML 3Page - Mitel Networks Corporation VP216 Datasheet HTML 4Page - Mitel Networks Corporation VP216 Datasheet HTML 5Page - Mitel Networks Corporation VP216 Datasheet HTML 6Page - Mitel Networks Corporation VP216 Datasheet HTML 7Page - Mitel Networks Corporation VP216 Datasheet HTML 8Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
VP216
5
Table 3: Output coding
Code
Input Voltage
Binary
1 Volt Full Scale
16mV = 1LSB
00
Least +Ve Valid
Input
000000
01
q
000001
q
q
q
31
q
011111
32
q
100000
33
q
100001
q
q
q
62
q
111110
63
Most +Ve Valid
Input
111111
Device Description
The VP216 is a dual 90MHz 6-bit ADC system, (see
Fig.2). Included on chip is a high bandwidth ADC driver
amplifier, a 6-bit analog to digital converter, latches and TTL
data outputs. The VP216 also has the necessary bias
voltages for the reference resistor chain in the ‘flash’
architecture of the ADC and has an optional VCO or external
oscillator interface.
Analog Input
The analog inputs, (AIN_I,Q) are A.C. coupled into the
non-inverting ADC driver amplifiers, which provide the
necessary bandwidth, gain, offset and low impedance
required to drive the ADC. The amplifier has been designed
so that an input of 0 volts will produce an output level equal
to the voltage present at the middle of the ADC resistor
chain, (VRM = 3V typ.). This is achieved by an internal
feedback loop within each amplifier which compares the
amplifier output with VRM, (see Fig.3). This voltage will
produce a transition binary code of 011111 to 100000 at the
output of the ADC.
Reference Voltage
An on chip band gap voltage reference circuit combined
with two op-amps provides all the necessary bias voltages
for the ADC reference resistor chain, (VRB), (VRM) and
(VRT). VRB, VRM and VRT have been brought out to pins 8,
7 and 6 respectively and should be decoupled with 100nF
capacitors close to the package pins.
Digital Interface
The TTL data output pins, (DI0-DI5) and (DQ0-DQ5)
have been optimized to interface with devices in close
proximity to the VP216 and are designed to provide
satisfactory logic levels at speeds up to 90MHz into a fanout
of one and a total load capacitance of 10pF. All data outputs
should have approximately equivalent loading to ensure
proper setup and hold timing. For capacitive loads in excess
of 10pF, output buffers are recommended.
INPUT
SIGNAL
VRM
TO ADC
ADC DRIVER
AMP
CCEXT.
CCOMP EXT.
COMP_(Q,I)
DC SHIFT
Clock Interface
The VP216 clock interface allows the ADC to be clocked
in a number of ways. With the CLKSEL pin tied low the on
chip VCO is selected. With the CLKSEL pin tied high the
external TTL clock input is selected.
The clock signal to the ADC synchronizes the sampling,
conversion and output stages of the device as shown in the
timing diagram (see Fig.4). The output of the ADC driver amp
is sampled when the comparator array is latched after a
rising edge of the input clock. Latched data is then presented
to the TTL data outputs and latched on the falling edge of the
input clock. The clock interface also provides a TTL clock
output on pin 27. This output is limited to driving capacitive
loads of 10pF. Output buffers are recommended for loads in
excess of 10pF.
CLKSEL
Clock Source
1
0
External Clock
VCO
Fig.3 DC offset internal feedback loop.
Table 2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com