Electronic Components Datasheet Search
  English  ▼

X  

VP305 Datasheet(PDF) 13 Page - Mitel Networks Corporation

Part # VP305
Description  Satellite Channel Decoder
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

VP305 Datasheet(HTML) 13 Page - Mitel Networks Corporation

Back Button VP305 Datasheet HTML 9Page - Mitel Networks Corporation VP305 Datasheet HTML 10Page - Mitel Networks Corporation VP305 Datasheet HTML 11Page - Mitel Networks Corporation VP305 Datasheet HTML 12Page - Mitel Networks Corporation VP305 Datasheet HTML 13Page - Mitel Networks Corporation VP305 Datasheet HTML 14Page - Mitel Networks Corporation VP305 Datasheet HTML 15Page - Mitel Networks Corporation VP305 Datasheet HTML 16Page - Mitel Networks Corporation VP305 Datasheet HTML 17Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 85 page
background image
DRAFT - PRELIMINARY DATA
VP305/6
The duplication or disclosure of data contained on this sheet is subject to the restrictions
on the title page of this document.
13
1.3.
The Viterbi Decoder block.
The Viterbi decoder input data format uses three bit, two's complement coding representation of
the data in the following form, (binary numbers):
I or Q value
Interpretation
011
most likely one
010
001
000
least likely one
111
least likely zero
110
101
100
most likely zero
Table 2. Viterbi decoder input format.
The first task for the Viterbi decoder is to 'de-puncture' the data. This is a process of restoring data
bits which have been removed (punctured), prior to transmission, to improve the transmission
efficiency. The de-puncture code rate must be programmed into the VIT MODE register. The
following patterns are used:
VITCR[2:0]
Code rate
Input bit stream
Output bit stream
0
1/2
I = X1
Q = Y1
X = 1
Y = 1
1
2/3
I = X1Y2Y3
Q = Y1X3Y4
X = 1010
Y = 1111
2
3/4
I = X1Y2
Q = Y1X3
X = 101
Y = 110
3
5/6
I = X1Y2Y4
Q = Y1X3X5
X = 10101
Y = 11010
4
7/8
I = X1Y2Y4Y6
Q = Y1Y3X5X7
X = 1000101
Y = 1111010
Table 3. Viterbi decoder code rate.
The zeros in the above table represent unknown data bit values, effectively error bits. The decoder
uses a trace back trellis technique to remove the uncertainty and recover the correct data. The
trace back depth is 128.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com