Electronic Components Datasheet Search
  English  ▼

X  

VP305 Datasheet(PDF) 42 Page - Mitel Networks Corporation

Part # VP305
Description  Satellite Channel Decoder
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

VP305 Datasheet(HTML) 42 Page - Mitel Networks Corporation

Back Button VP305 Datasheet HTML 38Page - Mitel Networks Corporation VP305 Datasheet HTML 39Page - Mitel Networks Corporation VP305 Datasheet HTML 40Page - Mitel Networks Corporation VP305 Datasheet HTML 41Page - Mitel Networks Corporation VP305 Datasheet HTML 42Page - Mitel Networks Corporation VP305 Datasheet HTML 43Page - Mitel Networks Corporation VP305 Datasheet HTML 44Page - Mitel Networks Corporation VP305 Datasheet HTML 45Page - Mitel Networks Corporation VP305 Datasheet HTML 46Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 85 page
background image
VP305/6
DRAFT - PRELIMINARY DATA
The duplication or disclosure of data contained on this sheet is subject to the restrictions
on the title page of this document.
42
2.8. BANK 3: Program QPSK registers.
2.8.1. CR_SWR: Carrier sweep rate register.
Parallel mode -
Bank 3. Address 1.
Type Read / Write.
Serial mode - Address 25.
76543210
CR_SWR[7:0] Carrier sweep rate
CR_SWR[7:0]
Carrier sweep rate.
CR_SWP = 64 * KDCR * θ
Where:
KDCR is the carrier phase detector gain, typically 10 for low Eb / No of 4 dB.
θ is the phase lock loop steady state error during acquisition. θ should be lower than
5° expressed in radians. During the tracking phase, the loop drives the residual
steady state error to 0.
Therefore, if KDCR = 10 and θ = 3° = 0.052rad.
CR_SWP = 64 * 10 * 0.052 = 33 (rounded down).
The frequency sweep rate is given by the following formula:
f =
5 * CR_SWP
128 *
π *CR_KP
*
KVCOCR
RCR * CCR
*
VDD
5V
Hz/s
For the SL1710
KVCOCR = 11.56Mrad/s/V.
For VDD = 3.3V
Therefore
f =
5 * 33 * 11.56 * 106 * 3.3
128 *
π * CR_KP * RCR * CCR * 5
=
3.13 * 106
CR_KP * RCR * CCR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com